Part Name
         Description
ADC08B3000

 High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer ( 32 Page)


NSC
100% 
Zoom Out Zoom In
 
 1 page
background image
ADC08B3000
High Performance, Low Power, 8-Bit, 3 GSPS A/D
Converter with 4K Buffer
General Description
Note: This product is currently in development. - ALL
specifications are design targets and are subject to
change.
The ADC08B3000 is a single, low power, high performance
CMOS analog-to-digital converter that digitizes signals to 8
bits resolution at sampling rates up to 3.4 GSPS. Consuming
a typical 1.8 Watts at 3 GSPS from a single 1.9 Volt supply,
this device is guaranteed to have no missing codes over the
full operating temperature range. The unique folding and
interpolating architecture, the fully differential comparator
design, the innovative design of the internal sample-and-
hold amplifier and the self-calibration scheme enable a very
flat response of all dynamic parameters upto Nyquist, pro-
ducing a high 7.0 ENOB with a 748 MHz input signal and a
3 GHz sample rate while providing a 10
-18 B.E.R. 3 GSPS is
achieved through using a 1.5GHz clock. Output formatting is
offset binary. The device contains a 4K FIFO Capture Buffer
which is used to feed two 8 bit CMOS output busses at a rate
up to 200MHz.
The converter typically consumes less than 20 mW in the
Power Down Mode and is available in a 128-lead, thermally
enhanced exposed pad LQFP and operates over the Indus-
trial (-40˚C
≤ T
A
≤ +85˚C) temperature range.
Features
n
Internal Sample-and-Hold
n
Single +1.9V ±0.1V Operation
n
Choice of SDR or DDR output clocking
n
Internal selectable 4K Data Buffer
n
Clock Phase Adjust for Multiple ADC Synchronization
n
Guaranteed No Missing Codes
n
Serial Interface for Extended Control
n
Fine Adjustment of Input Full-Scale Range and Offset
n
Duty Cycle Corrected Sample Clock
Key Specifications
n
Resolution
8 Bits
n
Max Conversion Rate
3 GSPS (min)
n
Bit Error Rate
10
-18 (typ)
n
ENOB @ 748 MHz Input
7.0 Bits (typ)
n
SNR @ 748 MHz
44 dB (typ)
n
Full Power Bandwidth
TBD
n
Power Consumption
— Operating
1.8 W (typ)
— Power Down Mode
20 mW (typ)
Applications
n
Ranging Applications
n
Test and measurement Applications
Block Diagram
20160153
ADVANCE INFORMATION
June 2006
© 2006 National Semiconductor Corporation
DS201601
www.national.com



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMX2531LQ1500EHigh Performance Frequency Synthesizer System with Integrated VCO 1 2 3 4 5 MoreNational Semiconductor
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation
ADR360Low Power Low Noise Voltage References with Sink/Source Capability 1 2 3 4 5 MoreAnalog Devices
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
MC100E3105V ECL Low Voltage 2:8 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
TPS732XXCap-Free NMOS 250mA Low Dropout Regulator with Reverse Current Protection 1 2 3 4 5 MoreTexas Instruments
NB2780ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
PTH08T241W10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1 2 3 4 5 MoreTexas Instruments
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl