Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08B3000 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 24Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 25Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 26Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 27Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 28Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 29Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 30Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 31Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
2.0 Applications Information
(Continued)
To maximize the removal of heat from the package, a ther-
mal land pattern must be incorporated on the PC board
within the footprint of the package. The exposed pad of the
device must be soldered down to ensure adequate heat
conduction out of the package. The land pattern for this
exposed pad should be at least as large as the5x5mmof
the exposed pad of the package and be located such that the
exposed pad of the device is entirely over that thermal land
pattern. This thermal land pattern should be electrically con-
nected to ground. A clearance of at least 0.5 mm should
separate this land pattern from the mounting pads for the
package pins.
Since a large aperture opening may result in poor release,
the aperture opening should be subdivided into an array of
smaller openings, similar to the land pattern of Figure 13.
To minimize junction temperature, it is recommended that a
simple heat sink be built into the PCB. This is done by
including a copper area of about 2 square inches (6.5 square
cm) on the opposite side of the PCB. This copper area may
be plated or solder coated to prevent corrosion, but should
not have a conformal coating, which could provide some
thermal insulation. Thermal vias should be used to connect
these top and bottom copper areas. These thermal vias act
as "heat pipes" to carry the thermal energy from the device
side of the board to the opposite side of the board where it
can be more effectively dissipated. The use of 9 to 16
thermal vias is recommended.
The thermal vias should be placed on a 1.2 mm grid spacing
and have a diameter of 0.30 to 0.33 mm. These vias should
be barrel plated to avoid solder wicking into the vias during
the soldering process as this wicking could cause voids in
the solder between the package exposed pad and the ther-
mal land on the PCB. Such voids could increase the thermal
resistance between the device and the thermal land on the
board, which would cause the device to run hotter.
If it is desired to monitor die temperature, a temperature
sensor may be mounted on the heat sink area of the board
near the thermal vias. .Allow for a thermal gradient between
the temperature sensor and the ADC08B3000 die of
θ
J-PAD
times typical power consumption = 2.8 x 1.9 = 5.3˚C. Allow-
ing for 6.3˚C, including some margin for temperature drop
from the pad to the temperature sensor, then, would mean
that maintaining a maximum pad temperature reading of
123.7˚C will ensure that the die temperature does not ex-
ceed 130˚C, assuming that the exposed pad of the
ADC08B3000 is properly soldered down and the thermal
vias are adequate. (The inaccuracy of the temperature sen-
sor is addtional to the above calculation).
2.7 LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are es-
sential to ensure accurate conversion. A single ground plane
should be used, instead of splitting the ground plane into
analog and digital areas.
Since digital switching transients are composed largely of
high frequency components, the skin effect tells us that total
ground plane copper weight will have little effect upon the
logic-generated noise. Total surface area is more important
than is total ground plane volume. Coupling between the
typically noisy digital circuitry and the sensitive analog cir-
cuitry can lead to poor performance that may seem impos-
sible to isolate and remedy. The solution is to keep the
analog circuitry well separated from the digital circuitry.
High power digital components should not be located on or
near any linear component or power supply trace or plane
that services analog or mixed signal components as the
resulting common return current path could cause fluctuation
in the analog input “ground” return of the ADC, causing
excessive noise in the conversion result.
Generally, we assume that analog and digital lines should
cross each other at 90˚ to avoid getting digital noise into the
analog path. In high frequency systems, however, avoid
crossing analog and digital lines altogether. The input clock
lines should be isolated from ALL other lines, analog AND
digital. The generally accepted 90˚ crossing should be
avoided as even a little coupling can cause problems at high
frequencies. Best performance at high frequencies is ob-
tained with a straight signal path.
The analog input should be isolated from noisy signal traces
to avoid coupling of spurious signals into the input. This is
especially important with the low level drive required of the
ADC08B3000. Any external component (e.g., a filter capaci-
tor) connected between the converter’s input and ground
should be connected to a very clean point in the analog
ground plane. All analog circuitry (input amplifiers, filters,
etc.) should be separated from any digital components.
2.8 DYNAMIC PERFORMANCE
The ADC08B3000 is a.c. tested and its dynamic perfor-
mance is guaranteed. To meet the published specifications
and avoid jitter-induced noise, the clock source driving the
CLK input must exhibit low rms jitter. The allowable jitter is a
function of the input frequency and the input signal level, as
described in Section 2.3.
It is good practice to keep the ADC input clock line as short
as possible, to keep it well away from any other signals and
to treat it as a transmission line. Other signals can introduce
jitter into the input clock signal. The clock signal can also
introduce noise into the analog path if not isolated from that
path.
Best dynamic performance is obtained when the exposed
pad at the back of the package has a good connection to
ground. This is because this path from the die to ground is a
lower impedance than offered by the package pins.
20160121
FIGURE 13. Recommended Package Land Pattern
www.national.com
30


Similar Part No. - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
More results

Similar Description - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000_09 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 NSC-ADC08B3000_08 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com