Part Name
Included
start with
end
match
Description
ADC08B3000
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer ( 32 Page)
NSC
100%
2 page
Pin Configuration
20160102
* Exposed pad on back of package must be soldered to ground plane to ensure rated performance.
www.national.com
2
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
LMX2531LQ1500E
High
Performance
Frequency
Synthesizer
System
with
Integrated
VCO
1
2
3
4
5
More
National Semiconductor
MP8830
Triple
10-bit
High
Speed
Analog-to-Digital
Converter
with
Digitally
Controlled
References
1
2
3
4
5
More
Exar Corporation
ADR360
Low
Power
Low
Noise
Voltage
References
with
Sink/Source
Capability
1
2
3
4
5
More
Analog Devices
MC100EP16VB
3.3V
/
5V
ECL
Differential
Receiver/Driver
with
High
and
Low
Gain
1
2
3
4
5
More
ON Semiconductor
MC100E310
5V
ECL
Low
Voltage
2:8
Differential
Fanout
Buffer
1
2
3
4
5
More
ON Semiconductor
TPS732XX
Cap-Free
NMOS
250mA
Low
Dropout
Regulator
with
Reverse
Current
Protection
1
2
3
4
5
More
Texas Instruments
NB2780A
Low
Power
Reduced
EMI
Clock
Synthesizer
1
2
3
4
5
More
ON Semiconductor
PTH08T241W
10-A
4.5-V
to
14-V
INPUT
NON-ISOLATED
WIDE-OUTPUT
ADJUSTABLE
POWER
MODULE
WITH
TURBOTRANS
1
2
3
4
5
More
Texas Instruments
ADM1192
Digital
Power
Monitor
with
Clear
Pin
and
ALERT
Output
1
2
3
4
5
More
Analog Devices
ADCMP608
Rail-to-Rail
Fast
Low
Power
2.5
V
to
5.5
V
Single-Supply
TTL/CMOS
Comparators
1
2
3
4
5
More
Analog Devices
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl