Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08B3000 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 15Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 16Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 17Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 18Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 19Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 20Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 21Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 22Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1.0 Functional Description (Continued)
Two full-scale range settings are provided with pin 14 (FSR).
A high on pin 14 causes an input full-scale range setting of
800 mV
P-P, while grounding pin 14 causes an input full-scale
range setting of 600 mV
P-P. The full-scale range setting
operates equally on both ADCs.
In the Extended Control mode, the full-scale input range can
be set to values between 560 mV
P-P and 840 mVP-P through
a serial interface. See Section 2.2
1.1.5 Clocking
The ADC08B3000 must be driven with an a.c. coupled,
differential clock signal. Section 2.3 describes the use of the
clock input pins. To assist the user in offloading captured
data from the Capture Buffer, the ADC08B3000 has an
RCLK input. RCLK is a free-running clock which can be
applied asynchronously to the analog input clock and can
operate up to 200MHz. The data output, DRDY signals and
EF flag are asserted synchronous to RCLK. See Section 1.7.
1.1.5.1 Dual-Edge Sampling
One ADC samples the input on the positive edge of the input
clock and the other ADC samples the same input on the
other edge of the input clock. The input is thus sampled twice
per input clock cycle, resulting in an overall sample rate of
twice the input clock frequency.
The ADC08B3000 uses dual edge sampling to achieve a
sampling frequency of 3 GSPS with a 1.5 GHz input clock.
The ADC08B3000 includes an automatic clock phase back-
ground calibration feature which automatically and continu-
ously adjusts the phase of the relative rising and falling edge
pahses. This feature removes the need to manually adjust
the clock phase and provides optimal ENOB performance
1.1.5.2 OutEdge Setting
To help ease data capture in the SDR mode, the output data
may be caused to transition on either the positive or the
negative edge of the Data Ready (DRDY) Pins. This is
chosen with the OutEdge input (pin 4). A high on the Out-
Edge input pin causes the output data to transition on the
rising edge of DRDY, while grounding this input causes the
output to transition on the falling edge of DRDY. See Section
2.4.3.
1.1.7 Power Down
The ADC08B3000 is in the active state when the Power
Down pin (PD) is low. When the PD pin is high, the device is
in the power down mode. In this power down mode the data
output pins (positive and negative) including DRDY and OR
+/- are put into a high impedance state and the devices
power consumption is reduced to a minimal level.
If the PD input is brought high while a calibration is running,
the device will not go into power down until the calibration
sequence is complete. However, if power is applied and PD
is already high, the device will not begin the calibration
sequence until the PD input goes low. If a manual calibration
is requested while the device is powered down, the calibra-
tion will not begin at all. That is, the manual calibration input
is completely ignored in the power down state.
1.2 NORMAL/EXTENDED CONTROL
The ADC08B3000 may be operated in one of two modes. In
the simpler standard control mode, the user affects available
configuration and control of the device through several con-
trol pins. The "extended control mode" provides additional
configuration and control options through a serial interface
and a set of 6 registers. The two control modes are selected
with pin 14 (FSR/ECE: Extended Control Enable). The
choice of control modes is required to be a fixed selection
and is not intended to be switched dynamically while the
device is operational.
Table 1 shows how several of the device features are af-
fected by the control mode chosen.
TABLE 1. Features and modes
Feature
Normal Control Mode
Extended Control Mode
RCLK Data transitions with rising or
falling RCLK edge
Selected with pin 4
Selected with the OE bit in the
Configuration Register
Power-On Calibration Delay
Delay Selected with pin 127
Short delay only.
Full-Scale Range
Options (600 mV
P-P or 800 mVP-P)
selected with pin 14. Selected range
applies to both channels.
Up to 512 step adjustments over a
nominal range of 560 mV to 840 mV.
Selected using register 3H
Input Offset Adjust
Not possible
±45 mV adjustments in 512 steps
using register 2h
Clock Phase Adjustment
Not possible
The clock phase can be adjusted
manually through the Coarse & Fine
registers (Eh and Dh)
Test Pattern
Not possible
A test pattern can be made present at
the data outputs by programming
register Fh.
www.national.com
19


Similar Part No. - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
More results

Similar Description - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000_09 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 NSC-ADC08B3000_08 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com