Part Name
Included
start with
end
match
Description
BC139
AUDIO OUTPUT AMPLIFIER ( 3 Page)
STMICROELECTRONICS
100%
1 page
Html Pages
1
2
3
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SA58631
3
W
BTL
audio
amplifier
1
2
3
4
5
More
NXP Semiconductors
ZXCD50STEVAL
50W
CLASS
D
AUDIO
AMPLIFIER
EVALUATION
BOARD
1
2
3
4
5
More
Zetex Semiconductors
SA58632
2
x
2.2
W
BTL
audio
amplifier
1
2
3
4
5
More
NXP Semiconductors
ZXCD100MOEVAL
100W
CLASS
D
AUDIO
AMPLIFIER
EVALUATION
BOARD
1
2
3
4
5
More
Zetex Semiconductors
ZXCW8100S28
32
BIT
STEREO
DIRECT
DRIVE
DIGITAL
AUDIO
AMPLIFIER
1
2
3
4
5
More
Zetex Semiconductors
TPA3107D2
15-W
STEREO
CLASS-D
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
Texas Instruments
MHW9188AN
Gallium
Arsenide
CATV
Amplifier
Module
1
2
3
4
Freescale Semiconductor, Inc
ADN2880
3.2
Gbps
3.3
V
Low
Noise
Transimpedance
Amplifier
1
2
3
4
5
More
Analog Devices
ADP3118
Dual
Bootstrapped
12
V
MOSFET
Driver
with
Output
Disable
1
2
3
4
5
More
Analog Devices
HMC585MS8G
HIGH
IP3
GaAs
MMIC
MIXER
with
INTEGRATED
LO
AMPLIFIER
400
-
650
MHz
1
2
3
4
5
More
Hittite Microwave Corporation
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl