Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR363B Datasheet(PDF) 10 Page - Analog Devices

Part # ADR363B
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR363B Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR363B Datasheet HTML 6Page - Analog Devices ADR363B Datasheet HTML 7Page - Analog Devices ADR363B Datasheet HTML 8Page - Analog Devices ADR363B Datasheet HTML 9Page - Analog Devices ADR363B Datasheet HTML 10Page - Analog Devices ADR363B Datasheet HTML 11Page - Analog Devices ADR363B Datasheet HTML 12Page - Analog Devices ADR363B Datasheet HTML 13Page - Analog Devices ADR363B Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 10 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating
temperature changes normalized by the output voltage at 25°C.
This parameter is expressed in ppm/°C and can be determined
by
( )
( )
()
()
6
1
2
1
2
O
10
C
25
C]
ppm/
[
×
×
°
=
°
T
T
V
T
V
T
V
TCV
O
O
O
where:
VO (25°C) = VO at 25°C.
VO (T1) = VO at Temperature 1.
VO (T2) = VO at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-
per-million per volt, or microvolts per volt change in input
voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per
milliampere, parts-per-million per milliampere, or ohms of dc
output resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1,000 hours at 25°C.
( )
( )
1
0
t
V
t
V
V
O
O
O
=
Δ
[]
( ) ( )
()
⎟⎟
⎜⎜
×
=
Δ
6
0
1
0
10
ppm
t
V
t
–V
t
V
V
O
O
O
O
where:
VO (t0) = VO at 25°C at Time 0.
VO (t1) = VO at 25°C after 1,000 hours operation at 25°C.
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperature from +25°C to –40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
(
)
TC
O
O
HYS
O
V
V
V
_
_
C
25
°
=
[]
(
)
()
6
_
_
10
C
25
C
25
ppm
×
°
°
=
O
TC
O
O
HYS
O
V
V
V
V
where:
VO (25°C) = VO at 25°C.
VO_TC = VO at 25°C after temperature cycle at +25°C to –40°C to
+125°C and back to +25°C.


Similar Part No. - ADR363B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR363BUJZ-R2 AD-ADR363BUJZ-R2 Datasheet
538Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR363BUJZ-REEL7 AD-ADR363BUJZ-REEL7 Datasheet
538Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
More results

Similar Description - ADR363B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR360 AD-ADR360_10 Datasheet
538Kb / 20P
   Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com