Part Name
         Description
ADR360

 Low Power, Low Noise Voltage References with Sink/Source Capability ( 20 Page)


AD
100% 
Zoom Out Zoom In
 
 4 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 4 of 20
ADR361—SPECIFICATIONS
Electrical Characteristics (VIN = 2.8 V to 15 V, TA = 25°C, unless otherwise noted.)
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A Grade
2.494
2.500
2.506
V
B Grade
2.497
2.500
2.503
V
INITIAL ACCURACY
VOERR
A Grade
6
mV
A Grade
0.24
%
B Grade
3
mV
B Grade
0.12
%
A Grade, −40°C < TA < +125°C
25
ppm/°C
TEMPERATURE COEFFICIENT
TCVO
B Grade, −40°C < TA < +125°C
9
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VO
300
mV
LINE REGULATION
∆VO/∆VIN
VIN = 2.8 V to 15 V, −40°C < TA < +125°C
0.125
mV/V
ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C, VIN = 3.5 V
0.45
mV/mA
LOAD REGULATION
∆VO/∆ILOAD
ILOAD = −1 mA to 0 mA, −40°C < TA < +125°C, VIN = 3.5 V
1
mV/mA
QUIESCENT CURRENT
IIN
−40°C < TA < +125°C
150
190
μA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
8.25
μV p-p
TURN-ON SETTLING TIME
tR
25
μs
LONG-TERM STABILITY1
∆VO
1,000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
∆VO_HYS
100
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 kHz
70
dB
VIN = 5 V
25
mA
SHORT CIRCUIT TO GND
ISC
VIN = 15 V
30
mA
1 The long-term stability specification is noncumulative. The drift subsequent 1,000 hour periods are significantly lower than in the first 1,000 hour period.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NB2872ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
PTH08T241W10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1 2 3 4 5 MoreTexas Instruments
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
NB2879ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl