Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3186JRQZ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3186JRQZ-REEL
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186JRQZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3186JRQZ-REEL Datasheet HTML 5Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 6Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 7Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 8Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 9Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 10Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 11Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 12Page - Analog Devices ADP3186JRQZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP3186
Rev. A | Page 9 of 24
THEORY OF OPERATION
The ADP3186 combines a multimode, fixed frequency PWM
control with multiphase logic outputs for use in 2-, 3-, and
4-phase synchronous buck CPU core supply power converters.
The internal VID DAC is designed to interface with AMD
Opteron CPUs. Multiphase operation is important for
producing the high currents and low voltages demanded by
today’s microprocessors. Handling the high currents in a single-
phase converter places high thermal demands on the
components in the system such as the inductors and MOSFETs.
The multimode control of the ADP3186 ensures a stable, high
performance topology for
Balancing currents and thermals between phases
High speed response at the lowest possible switching
frequency and output decoupling
Minimizing thermal switching losses due to lower
frequency operation
Tight loadline regulation and accuracy
High current output for up to 4-phase operation
Reduced output ripple due to multiphase cancellation
PC board layout noise immunity
Ease of use and design due to independent component
selection
Flexibility in operation for tailoring design to low cost or
high performance
START-UP SEQUENCE
During startup, the number of operational phases and their
phase relationship is determined by the internal circuitry that
monitors the PWM outputs. Normally, the ADP3186 operates
as a 4-phase PWM controller. Grounding the PWM4 pin
programs 3-phase operation and grounding the PWM3 and
PWM4 pins programs 2-phase operation.
When the ADP3186 is enabled, the controller outputs a voltage
on PWM3 and PWM4 that is approximately 675 mV. An internal
comparator checks each pin’s voltage versus a threshold of
300 mV. If the pin is grounded, it is below the threshold and the
phase is disabled. The output resistance of the PWM pin is
approximately 5 kΩ during this detection time. Any external
pull-down resistance connected to the PWM pin should not be
less than 25 kΩ to ensure proper operation. PWM1 and PWM2
are disabled during the phase detection interval, which occurs
during the first two clock cycles of the internal oscillator. After
this time, if the PWM output is not grounded, the 5 kΩ resis-
tance is removed and it switches between 0 V and 5 V. If the
PWM output was grounded, it remains off.
The PWM outputs are logic-level devices intended for driving
external gate drivers such as the ADP3110A. Because each
phase is monitored independently, operation approaching 100%
duty cycle is possible. Also, more than one output can be on at
the same time for overlapping phases.
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3186 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 6. To determine the frequency per
phase, the clock is divided by the number of phases in use. If
PWM4 is grounded, then divide the master clock by 3 for the
frequency of the remaining phases. If PWM3 and PWM4 are
grounded, then divide by 2. If all phases are in use, divide by 4.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3186 combines differential sensing with a high accuracy
VID DAC and reference and a low offset error amplifier. This
maintains a worst-case specification of ±1% differential sensing
error over its full operating output voltage and temperature
range. The output voltage is sensed between the FB and FBRTN
pins. FB should be connected through a resistor to the regula-
tion point, usually the remote sense pin of the microprocessor.
FBRTN should be connected directly to the remote sense
ground point. The internal VID DAC and precision reference
are referenced to FBRTN, which has a minimal current of
100 μA to allow accurate remote sensing. The internal error
amplifier compares the output of the DAC to the FB pin to
regulate the output voltage.
OUTPUT CURRENT SENSING
The ADP3186 provides a dedicated current sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning versus load current and for current limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method than peak current detection or sampling the
current across a sense element such as the low-side MOSFET.
This amplifier can be configured several ways depending on the
objectives of the system:
Output inductor DCR sensing without a thermistor for
lowest cost
Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor temperature
Sense resistors for highest accuracy measurements
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the
sensing element (such as the switch node side of the output
inductors) to the inverting input, CSSUM.


Similar Part No. - ADP3186JRQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
More results

Similar Description - ADP3186JRQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com