Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3325 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3325
Description  3V Dual RS-232 Transceiver with LCD Supply and Contrast Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3325 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3325 Datasheet HTML 1Page - Maxim Integrated Products MAX3325 Datasheet HTML 2Page - Maxim Integrated Products MAX3325 Datasheet HTML 3Page - Maxim Integrated Products MAX3325 Datasheet HTML 4Page - Maxim Integrated Products MAX3325 Datasheet HTML 5Page - Maxim Integrated Products MAX3325 Datasheet HTML 6Page - Maxim Integrated Products MAX3325 Datasheet HTML 7Page - Maxim Integrated Products MAX3325 Datasheet HTML 8Page - Maxim Integrated Products MAX3325 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3V Dual RS-232 Transceiver with
LCD Supply and Contrast Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3.0V to +3.6V, VL = +3.3V, circuit and components of Figure 1, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VDD = +3.3V, TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
LCD Line Regulation
3V < VDD < 3.6V, VLCD = -4.0V
10
mV
LCD Adjustment Range
Load = -3mA
-5
+2
V
Output Voltage
RREF+ = 10kΩ
1.16
1.21
1.26
V
Load Regulation
Load = 12µA to 62µA (sourcing current)
4
mV
Short-Circuit Current
5
mA
Output Voltage
No load
-1.14
-1.21
-1.28
V
Load Regulation
Load = 0 to 50µA (sinking current)
35
mV
Short-Circuit Current
0.125
mA
Logic Threshold High
2
V
Logic Threshold Low
0.8
V
Input Current
VIN = GND or VDD
-1
1
µA
Output Voltage Low
ISINK = 1.6mA
0.4
V
Output Voltage High
ISOURCE = 1.0mA
0.8
· VL
V
Input Voltage Range
-25
+25
V
Input Threshold Low
TA = +25°C, VDD = 3.3V
0.6
V
Input Threshold High
TA = +25°C, VDD = 3.3V
2.4
V
Input Hysteresis
0.3
V
Input Resistance
-15V < VR_IN < +15V, TA = +25°C
35
7
k
Output Voltage Swing
All outputs loaded with 3k
Ω to ground
±5
±5.4
V
Output Resistance
VDD = VL = V+ = V- = 0, VOUT = ±2V
300
10M
Short-Circuit Current
±35
±60
mA
Output Leakage Current
VDD = 0 or 3V to 3.6V, VOUT = ±12V, transmitters
disabled
±25
µA
POSITIVE REFERENCE VOLTAGE
NEGATIVE REFERENCE VOLTAGE
LOGIC INPUTS (
SD232, SDLCD, T1IN, T2IN, UP, DOWN)
TRANSMITTER OUTPUTS
RECEIVER INPUTS
RECEIVER OUTPUTS


Similar Part No. - MAX3325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33250E MAXIM-MAX33250E Datasheet
1Mb / 14P
   600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232 Transceiver with 짹15kV ESD and Integrated Capacitors
Rev 1; 11/18
MAX33250E MAXIM-MAX33250E Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250EELC MAXIM-MAX33250EELC Datasheet
1Mb / 14P
   600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232 Transceiver with 짹15kV ESD and Integrated Capacitors
Rev 1; 11/18
MAX33250ESHLD MAXIM-MAX33250ESHLD Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250ESHLD# MAXIM-MAX33250ESHLD# Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
More results

Similar Description - MAX3325

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
187Kb / 13P
   Programmable Dual RS-232/RS-485 Transceiver
logo
Exar Corporation
SP331 EXAR-SP331 Datasheet
912Kb / 13P
   Programmable Dual RS-232/RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
   3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
TelCom Semiconductor, I...
TC232 TELCOM-TC232 Datasheet
51Kb / 3P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com