Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2308AC4DTG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB2308AC4DTG
Description  3.3 V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2308AC4DTG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB2308AC4DTG Datasheet HTML 2Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 3Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 4Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 5Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 6Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 7Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 8Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 9Page - ON Semiconductor NB2308AC4DTG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NB2308A
http://onsemi.com
6
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero
Delay between input and output.
Figure 3. REF Input to CLKA/CLKB Delay vs.
Difference in Loading between FBK Pin and
CLKA/CLKB Pins
1500
1000
500
0
−500
−1000
−1500
−30 −25 −20 −15 −10 −5
0
5
10
1520
2530
OUTPUT LOAD DIFFERENCE: FBK LOAD − CLKA/CLKB LOAD (pF)
To close the feedback loop of the NB2308A, the FBK pin
can be driven from any of the eight available output pins.
The output driving the FBK pin will be driving a total load
of 7 pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining outputs)
can adjust the input−output delay. This is shown in Figure 3.
For applications requiring zero input−output delay, all
outputs including the one providing feedback should be
equally loaded. If input−output delay adjustments are
required, use the above graph to calculate loading
differences between the feedback output and remaining
outputs. For zero output−output skew, be sure to load outputs
equally.
SWITCHING WAVEFORMS
Figure 4. Duty Cycle Timing
1.4 V
1.4 V
1.4 V
t1
t2
Figure 5. All Outputs Rise/Fall Time
t3
OUTPUT
2.0 V
0.8 V
t4
2.0 V
0.8 V
3.3 V
0 V
1.4 V
1.4 V
t5
Figure 6. Output − Output Skew
OUTPUT
OUTPUT
t6
INPUT
OUTPUT
Figure 7. Input − Output Propagation Delay
VDD
2
VDD
2
Figure 8. Device − Device Skew
t7
FBK_Device 1
VDD
2
VDD
2
FBK_Device 2


Similar Part No. - NB2308AC4DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308AI1H ONSEMI-NB2308AI1H Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308AI2 ONSEMI-NB2308AI2 Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308AI3 ONSEMI-NB2308AI3 Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308AI4 ONSEMI-NB2308AI4 Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
More results

Similar Description - NB2308AC4DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com