Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2305AC1HDTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB2305AC1HDTG
Description  3.3 V Zero Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2305AC1HDTG Datasheet(HTML) 5 Page - ON Semiconductor

  NB2305AC1HDTG Datasheet HTML 1Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 2Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 3Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 4Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 5Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 6Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 7Page - ON Semiconductor NB2305AC1HDTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB2305A
http://onsemi.com
5
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero
Delay between input and output. Since the CLKOUT pin is
the internal feedback to the PLL, its relative loading can
adjust the input−output delay.
For applications requiring zero input−output delay, all
outputs, including CLKOUT, must be equally loaded. Even
if CLKOUT is not used, it must have a capacitive load equal
to that on other outputs, for obtaining zero−input−output
delay.
SWITCHING WAVEFORMS
Figure 3. Duty Cycle Timing
1.4 V
1.4 V
1.4 V
t1
t2
Figure 4. All Outputs Rise/Fall Time
t3
OUTPUT
2.0 V
0.8 V
t4
2.0 V
0.8 V
3.3 V
0 V
1.4 V
1.4 V
t5
Figure 5. Output − Output Skew
OUTPUT
OUTPUT
t6
INPUT
OUTPUT
Figure 6. Input − Output Propagation Delay
VDD
2
VDD
2
Figure 7. Device − Device Skew
t7
CLKOUT, Device 1
VDD
2
VDD
2
CLKOUT, Device 2


Similar Part No. - NB2305AC1HDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305AI1DG ONSEMI-NB2305AI1DG Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305AI1DR2G ONSEMI-NB2305AI1DR2G Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305AI1DTG ONSEMI-NB2305AI1DTG Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305AI1DTR2G ONSEMI-NB2305AI1DTR2G Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305AI1HDG ONSEMI-NB2305AI1HDG Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results

Similar Description - NB2305AC1HDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com