Part Name
         Description
NCN4557

 1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 5 page
background image
NCN4557
http://onsemi.com
5
ATTRIBUTES
Characteristics
Values
ESD protection
Human Body Model (HBM):
Card Pins (1, 4, 5, 6, 7, 14, 15 , 16 & 17) (Note 1)
All Other Pins (Note 1)
Machine Model (MM):
Card Pins (1, 4, 5, 6, 7, 14, 15 , 16 & 17)
All Other Pins
Charged Device Model (CDM):
Card Pins (1, 4, 5, 6, 7, 14, 15 , 16 & 17)
All Other Pins
8 kV
2 kV
600 V
200 V
2 kV
400 V
Moisture sensitivity (Note 2)
QFN−16
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. Human Body Model (HBM): R =1500
W, C = 100 pF.
2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
LDO Power Supply Voltage
VBAT
−0.5
≤ VBAT ≤ 6
V
Power Supply Microcontroller Side
VDD
−0.5
≤ VDD ≤ 6
V
External Card Power Supply
CRD_VCC
−0.5
≤ CRD_VCC ≤ 6
V
Digital Input Pins
Vin
Iin
−0.5
≤ Vin ≤ VDD + 0.5
but < 6.0
±5
V
mA
Digital Output Pins
Vout
Iout
−0.5
≤ Vout ≤ VDD + 0.5
but < 6.0
± 10
V
mA
CRD Output Pins
CRD_I/O & CRD_RST Pins
CRD_CLK Pin
Vout
Iout
−0.5
≤ Vout ≤ CRD_VCC + 0.5
but < 6.0
15 (Internally Limited)
70 (Internally Limited)
V
mA
QFN−16 Low Profile package
Power Dissipation @ TA = +85°C
Thermal Resistance Junction−to−Air
PD
RqJA
450
90
mW
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
Storage Temperature Range
Tstg
−65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
LP6100P200-05HeNe Laser Power Supply 1 2 Voltage Multipliers Inc.
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
DS14C239Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver 1 2 3 4 5 MoreNational Semiconductor
AD964014-Bit 80/105/125/150 MSPS 1.8 V Dual Analog-to-Digital Converter 1 2 3 4 5 MoreAnalog Devices
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl