Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2304AC2DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB2304AC2DG
Description  3.3 V Zero Delay Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2304AC2DG Datasheet(HTML) 2 Page - ON Semiconductor

  NB2304AC2DG Datasheet HTML 1Page - ON Semiconductor NB2304AC2DG Datasheet HTML 2Page - ON Semiconductor NB2304AC2DG Datasheet HTML 3Page - ON Semiconductor NB2304AC2DG Datasheet HTML 4Page - ON Semiconductor NB2304AC2DG Datasheet HTML 5Page - ON Semiconductor NB2304AC2DG Datasheet HTML 6Page - ON Semiconductor NB2304AC2DG Datasheet HTML 7Page - ON Semiconductor NB2304AC2DG Datasheet HTML 8Page - ON Semiconductor NB2304AC2DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB2304A
http://onsemi.com
2
Figure 1. Basic Block Diagram
(see Figures 11 and 12 for device specific Block Diagrams)
FBK
CLKA1
CLKA2
CLKB1
CLKB2
REF
PLL
Extra Divider (−2)
B2
Table 1. CONFIGURATIONS (x = C for Commercial; I for Industrial)
Device
Feedback From
Bank A Frequency
Bank B Frequency
NB2304Ax1
Bank A or Bank B
Reference
Reference
NB2304Ax1H
Bank A or Bank B
Reference
Reference
NB2304Ax2
Bank A
Reference
Reference B2
NB2304Ax2
Bank B
2 X Reference
Reference
Figure 2. Pin Configuration
VDD
1
2
3
4
8
7
6
5
REF
CLKA1
CLKA2
GND
FBK
CLKB2
CLKB1
NB2304A
Table 2. PIN DESCRIPTION
Pin #
Pin Name
Description
1
REF (Note 1)
Input reference frequency, 5 V
tolerant input.
2
CLKA1 (Note 2) Buffered clock output, Bank A.
3
CLKA2 (Note 2) Buffered clock output, Bank A.
4
GND
Ground.
5
CLKB1 (Note 2) Buffered clock output, Bank B.
6
CLKB2 (Note 2) Buffered clock output, Bank B.
7
VDD
3.3 V supply.
8
FBK
PLL feedback input.
1. Weak pulldown.
2. Weak pulldown on all outputs.


Similar Part No. - NB2304AC2DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2304A ONSEMI-NB2304A Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304AI1DG ONSEMI-NB2304AI1DG Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304AI1DR2G ONSEMI-NB2304AI1DR2G Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304AI1HDG ONSEMI-NB2304AI1HDG Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304AI1HDR2G ONSEMI-NB2304AI1HDR2G Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
More results

Similar Description - NB2304AC2DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com