Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2579A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB2579A
Description  Low Power, Reduced EMI Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2579A Datasheet(HTML) 5 Page - ON Semiconductor

  NB2579A Datasheet HTML 1Page - ON Semiconductor NB2579A Datasheet HTML 2Page - ON Semiconductor NB2579A Datasheet HTML 3Page - ON Semiconductor NB2579A Datasheet HTML 4Page - ON Semiconductor NB2579A Datasheet HTML 5Page - ON Semiconductor NB2579A Datasheet HTML 6Page - ON Semiconductor NB2579A Datasheet HTML 7Page - ON Semiconductor NB2579A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB2579A
http://onsemi.com
5
Table 6. DC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY (Test Conditions: All parameters are measured at room
temperature 25°C)
Symbol
Description
Min
Typ
Max
Unit
VIL
Input LOW Voltage
GND − 0.3
0.8
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
IIL
Input LOW Current
−35
mA
IIH
Input HIGH Current
35
mA
IXOL
XOUT Output LOW Current (@ 0.4 V, VDD = 3.3 V)
3.0
mA
IXOH
XOUT Output HIGH Current (@ 2.5 V, VDD = 3.3 V)
3.0
mA
VOL
Output LOW Voltage (VDD = 3.3 V, IOL = 8.0 mA)
0.4
V
VOH
Output HIGH Voltage (VDD = 3.3 V, IOH = 8.0 mA)
2.5
V
IDD
Static Supply Current (Note 4)
1.2
mA
ICC
Dynamic Supply Current (3.3 V, 24 MHz, and No Load)
4.0
mA
VDD
Operating Voltage
2.7
3.3
3.6
V
tON
Powerup Time (first locked cycle after powerup) (Note 5)
5.0
mS
ZOUT
Clock Output Impedance
45
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. XIN/CLKIN pin is pulled low.
5. VDD and XIN/CLKIN input are stable.
Table 7. AC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
Symbol
Description
Min
Typ
Max
Unit
CLKIN
Input Frequency
13
30
MHz
ModOUT
Output Frequency
13
30
MHz
fd
Frequency Deviation
Input Frequency = 13 MHz
Input Frequency = 30 MHz
±1.57
±0.8
%
tLH (Note 6)
Output Rise Time (measured at 0.8 V to 2.0 V)
0.5
1.4
1.7
ns
tHL (Note 6)
Output Fall Time (measured at 2.0 V to 0.8 V)
0.4
1.0
1.2
ns
tJC
Jitter (Cycle−to−Cycle)
200
ps
tD
Output Duty Cycle
45
50
55
%
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. tLH and tHL are measured at capacitive load of 15 pF.


Similar Part No. - NB2579A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NB20 AVX-NB20 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBB AVX-NB20K00103MBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBD AVX-NB20K00103MBD Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBE AVX-NB20K00103MBE Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results

Similar Description - NB2579A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2769A ONSEMI-NB2769A Datasheet
63Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
August, 2005 ??Rev. 2
NB2872A ONSEMI-NB2872A Datasheet
106Kb / 6P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
NB2969A ONSEMI-NB2969A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760A ONSEMI-NB2760A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2779A ONSEMI-NB2779A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2780A ONSEMI-NB2780A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870A ONSEMI-NB2870A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2762A ONSEMI-NB2762A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
NB2669A ONSEMI-NB2669A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2869A ONSEMI-NB2869A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com