Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N840MMNR4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB4N840MMNR4G
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N840MMNR4G Datasheet(HTML) 3 Page - ON Semiconductor

  NB4N840MMNR4G Datasheet HTML 1Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 2Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 3Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 4Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 5Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 6Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 7Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 8Page - ON Semiconductor NB4N840MMNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NB4N840M
http://onsemi.com
3
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
ENB1
LVTTL
Channel B1 Output Enable. LVTTL low input powers down B1 output stage.
2
DB1
CML Input
Channel B1 Positive Signal Input
3
DB1
CML Input
Channel B1 Negative Signal Input
4
ENB0
LVTTL
Channel B0 Output Enable. LVTTL low input powers down B0 output stage.
5
SELB0
LVTTL
Channel B0 Output Select. See Table 1.
6
DB0
CML Input
Channel B0 Positive Signal Input
7
DB0
CML Input
Channel B0 Negative Signal Input
8
SELB1
LVTTL
Channel B1 Output Select. See Table 1.
9,24
GND
Supply Ground. All GND pins must be externally connected to power supply to guarantee
proper operation.
10, 13, 16,
17, 20, 23
VCC
Positive Supply. All VCC pins must be externally connected to power supply to guarantee
proper operation.
11
QB0
CML Output
Channel B0 Negative Output.
12
QB0
CML Output
Channel B0 Positive Output.
14
QB1
CML Output
Channel B1 Negative Output.
15
QB1
CML Output
Channel B1 Positive Output.
18
QA1
CML Output
Channel A1 Negative Output.
19
QA1
CML Output
Channel A1 Positive Output.
21
QA0
CML Output
Channel A0 Negative Output.
22
QA0
CML Output
Channel A0 Positive Output.
25
SELA1
LVTTL
Channel A1 Output Select, LVTTL Input. See Table 1.
26
DA0
CML Input
Channel A0 Positive Signal Input.
27
DA0
CML Input
Channel A0 Negative Signal Input.
28
SELA0
LVTTL
Channel A0 Output Select, LVTTL Input. See Table 1.
29
ENA0
LVTTL
Channel A0 Output Enable. LVTTL low input powers down A0 output stage.
30
DA1
CML Input
Channel A1 Positive Signal Input.
31
DA1
CML Input
Channel A1 Negative Signal Input.
32
ENA1
LVTTL
Channel A1 Output Enable. LVTTL low input powers down A1 output stage.
EP
GND
Exposed Pad. The thermally exposed pad (EP) on package bottom (see case drawing)
must be attached to a heat−sinking conduit. The exposed pad must be soldered to the
circuit board GND for proper electrical and thermal operation.


Similar Part No. - NB4N840MMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
More results

Similar Description - NB4N840MMNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com