Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRS212-220 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BRS212-220
Description  Breakover diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRS212-220 Datasheet(HTML) 5 Page - NXP Semiconductors

  BRS212-220 Datasheet HTML 1Page - NXP Semiconductors BRS212-220 Datasheet HTML 2Page - NXP Semiconductors BRS212-220 Datasheet HTML 3Page - NXP Semiconductors BRS212-220 Datasheet HTML 4Page - NXP Semiconductors BRS212-220 Datasheet HTML 5Page - NXP Semiconductors BRS212-220 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Breakover diodes
BRS212 series
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.2 g
Fig.11. SOD106.
Notes
1. For mounting and soldering instructions refer to publication SC18 "SMD Footprint Design and Soldering
Guidelines". Order code:9397 750 00505.
3.3
2.7
0.2
5.5
5.1
4.5
4.3
2.3
2.0
0.05
2.8
2.4
1.6
1.4
January 1997
5
Rev 1.000


Similar Part No. - BRS212-220

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BRS2B16E AGERE-BRS2B16E Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16E-TR AGERE-BRS2B16E-TR Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16G AGERE-BRS2B16G Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16G-TR AGERE-BRS2B16G-TR Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
BRS2B16NB AGERE-BRS2B16NB Datasheet
236Kb / 12P
   Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
More results

Similar Description - BRS212-220

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com