Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMT08B260T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMT08B260T3G
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT08B260T3G Datasheet(HTML) 1 Page - ON Semiconductor

  MMT08B260T3G Datasheet HTML 1Page - ON Semiconductor MMT08B260T3G Datasheet HTML 2Page - ON Semiconductor MMT08B260T3G Datasheet HTML 3Page - ON Semiconductor MMT08B260T3G Datasheet HTML 4Page - ON Semiconductor MMT08B260T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MMT08B260T3/D
MMT08B260T3
Preferred Devices
Thyristor Surge Protectors
High Voltage Bidirectional TSPD
These Thyristor Surge Protective devices (TSPD) prevent
overvoltage damage to sensitive circuits by lightning, induction and
power line crossings. They are breakover−triggered crowbar
protectors. Turn−off occurs when the surge current falls below the
holding current value.
Secondary protection applications for electronic telecom equipment
at customer premises.
Features
High Surge Current Capability: 80 Amps 10 x 1000 msec, for
Controlled Temperature Environments
The MMT08B260T3 is used to help equipment meet various
regulatory requirements including: Bellcore 1089, ITU K.20 & K.21,
IEC 950, UL 1459 & 1950 and FCC Part 68.
Bidirectional Protection in a Single Device
Little Change of Voltage Limit with Transient Amplitude or Rate
Freedom from Wearout Mechanisms Present in Non−Semiconductor
Devices
Fail−Safe, Shorts When Overstressed, Preventing Continued
Unprotected Operation
Surface Mount Technology (SMT)
Indicates UL Registered − File #E210057
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Off−State Voltage − Maximum
VDM
±200
V
Maximum Pulse Surge Short Circuit Current
Non−Repetitive
Double Exponential Decay Waveform
(−25
°C Initial Temperature) (Notes 1 & 2)
2 x 10
msec
8 x 20
msec
10 x 160
msec
10 x 360
msec
10 x 560
msec
10 x 700
msec
10 x 1000
msec
IPPS1
IPPS2
IPPS3
IPPS4
IPPS5
IPPS6
IPPS7
±250
±250
±150
±150
±100
±100
±80
A(pk)
Non−Repetitive Peak On−State Current
60 Hz Full Sign Wave
ITSM
32
A(pk)
Maximum Non−Repetitive Rate of Change of
On−State Current Exponential Waveform,
Ipk < 100A
di/dt
±300
A/
ms
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Allow cooling before testing second polarity.
2. Measured under pulse conditions to reduce heating.
BIDIRECTIONAL TSPD
80 AMP SURGE, 260 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MMT08B260T3
SMB
2500 Tape & Reel
MT1
MT2
SMB
(No Polarity)
(Essentially JEDEC DO−214AA)
CASE 403C
(
)
A
= Assembly Location
Y
= Year
WW
= Work Week
RPCG = Device Code
G
= Pb−Free Package
MARKING DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MMT08B260T3G
SMB
(Pb−Free)
2500 Tape & Reel
(Note: Microdot may be in either location)
AYWW
RPCG
G
G


Similar Part No. - MMT08B260T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B064T3 ONSEMI-MMT08B064T3 Datasheet
46Kb / 6P
   Thyristor Surge Protectors
June, 2004 ??Rev. 0
MMT08B064T3G ONSEMI-MMT08B064T3G Datasheet
46Kb / 6P
   Thyristor Surge Protectors
June, 2004 ??Rev. 0
MMT08B310T3 ONSEMI-MMT08B310T3 Datasheet
47Kb / 6P
   Thyristor Surge Protectors
October, 2003 ??Rev. 0
MMT08B310T3 ONSEMI-MMT08B310T3 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
MMT08B310T3G ONSEMI-MMT08B310T3G Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
More results

Similar Description - MMT08B260T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com