Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL34DTR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100LVEL34DTR2
Description  3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL34DTR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100LVEL34DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 8Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 9Page - ON Semiconductor MC100LVEL34DTR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC100LVEL34
http://onsemi.com
6
0
100
200
300
400
500
600
700
800
900
0
500
1000
1500
Figure 4. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9
B4 / 8
B2
JITTEROUT ps (RMS)
Figure 5. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100LVEL34DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL34DTR2 ONSEMI-MC100LVEL34DTR2 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34DTR2G ONSEMI-MC100LVEL34DTR2G Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34DTR2G ONSEMI-MC100LVEL34DTR2G Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
More results

Similar Description - MC100LVEL34DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com