Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E310FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100E310FNR2
Description  5V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100E310FNR2 Datasheet HTML 1Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 2Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 3Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 4Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 5Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 6Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 7Page - ON Semiconductor MC100E310FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100E310
http://onsemi.com
2
1
5
6
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
CLK_SEL
CLKa
VCC
CLKa
VBB
CLKb
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
Pinout: 28−Lead PLCC
(Top View)
Q0
Q0 Q1 VCCO Q1 Q2 Q2
CLKb
Q7
Q6
NC
VCCO Q7
Q6
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VBB
CLKa
CLKa
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
CLKb
CLKb
CLK_SEL
Figure 1. Logic Diagram and Pinout Assignment
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
* All VCC and VCCO pins are tied together on the die.
Figure 2. Logic Symbol
Table 1. PIN DESCRIPTION
PIN
Function
CLKa, CLKb;
CLKa, CLKb
Q0:7; Q0:7
CLK_SEL
VBB
VCC, VCCO
VEE
NC
ECL Differential Input Pairs
ECL Differential Input Pairs
ECL Differential Outputs
ECL Input Clock Select
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
Table 2. FUNCTION TABLE
PIN
Function
0
1
CLKa Selected
CLKb Selected


Similar Part No. - MC100E310FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
More results

Similar Description - MC100E310FNR2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310_16 Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com