Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC100E210 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC100E210
Description  5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MC100E210
http://onsemi.com
4
AC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 8)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
700
700
MHz
tPLH
tPHL
Propagation Delay to Output
IN (differential) (Note 9)
IN (single−ended) (Note 10)
475
400
675
700
500
450
700
750
500
450
700
750
ps
tskew
Within−Device Skew
Qa to Qb
Qa to Qa,Qb to Qb
Part−to−Part Skew (Differential) (Note 11)
50
50
75
75
200
50
30
75
50
200
50
30
75
50
200
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing (Differential Configuration)
(Note 12)
500
500
500
mV
tr / tf
Output Rise/Fall Time (20%−80%)
200
600
200
600
200
600
ps
8. VEE can vary −0.46 V / +0.8 V.
9. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
10. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
11. The within−device skew is defined as the worst case difference between any two similar delay paths within a single device.
12. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the E210 as a differential input as low as 50 mV will still produce full ECL levels at the output.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
A-562HDUAL DIGITS DISPLAY 1 List of Unclassifed Manufacturers
EMF18XV6T5Dual Transistor Power Management NPN/PNP Dual Complimentary 1 2 3 4 5 ON Semiconductor
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
ADCMP670Dual Comparators with 400mV Reference 1 2 3 4 5 MoreAnalog Devices
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
TPS40140DUAL OR 2-PHASE STACKABLE CONTROLLER 1 2 3 4 5 MoreTexas Instruments
ADF4251Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl