Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC100E210 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC100E210
Description  5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
MC100E210
http://onsemi.com
3
PECL DC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V (Note 2)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
55
65
mA
VOH
Output HIGH Voltage (Note 3)
3915
3995
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 3)
3170
3305
3445
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 4)
2.7
4.6
2.7
4.6
2.7
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE:
Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
2. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
3. Outputs are terminated through a 50
W resistor to VCC − 2 volts.
4. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
NECL DC CHARACTERISTICS VCCx= 0.0 V; VEE= −5.0 V (Note 5)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
55
65
mA
VOH
Output HIGH Voltage (Note 6)
−1085
−1005
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 6)
−1830
−1695
−1555
−1810
−1745
−1620
−1810
−1740
−1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−1025
−880
−1165
−1025
−880
−1165
−1025
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1645
−1475
−1810
−1645
−1475
−1810
−1645
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 7)
−2.3
−0.4
−2.3
−0.4
−2.3
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE:
Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
5. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
6. Outputs are terminated through a 50
W resistor to VCC − 2 volts.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
A-562HDUAL DIGITS DISPLAY 1 List of Unclassifed Manufacturers
EMF18XV6T5Dual Transistor Power Management NPN/PNP Dual Complimentary 1 2 3 4 5 ON Semiconductor
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
ADCMP670Dual Comparators with 400mV Reference 1 2 3 4 5 MoreAnalog Devices
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
TPS40140DUAL OR 2-PHASE STACKABLE CONTROLLER 1 2 3 4 5 MoreTexas Instruments
ADF4251Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl