Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC100E210 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC100E210
Description  5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
MC100E210
http://onsemi.com
2
1
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
VBB
CLKa
VCC
CLKa
CLKb
CLKb
Qa3
Qa3
Qb0
VCCO
Qb0
Qb1
Qb1
28−Lead PLCC
(Top View)
Qa0 Qa0 Qa1 VCCO Qa1 Qa2 Qa2
Qb4
Qb3
Qb2
Qb4
VCCO Qb3
Qb2
PIN DESCRIPTION
FUNCTION
ECL Differential Input Pairs
ECL Differential Input Pairs
ECL Differential Outputs
ECL Differential Outputs
Reference Output Voltage
Positive Supply
Negative Supply
PIN
CLKa, CLKb
CLKa, CLKb
Qa0:3, Qb0:4
Qa0:3, Qb0:4
VBB
VCC, VCCO
VEE
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Qb4
Qb4
LOGIC SYMBOL
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
VBB
CLKa
CLKa
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
CLKb
CLKb
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
28 PLCC
28 PLCC
63.5
43.5
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
28 PLCC
22 to 26
°C/W
VEE
PECL Operating Range
NECL Operating Range
4.2 to 5.7
−5.7 to −4.2
V
V
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
1. Maximum Ratings are those values beyond which device damage may occur.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
A-562HDUAL DIGITS DISPLAY 1 List of Unclassifed Manufacturers
EMF18XV6T5Dual Transistor Power Management NPN/PNP Dual Complimentary 1 2 3 4 5 ON Semiconductor
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
ADCMP670Dual Comparators with 400mV Reference 1 2 3 4 5 MoreAnalog Devices
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
TPS40140DUAL OR 2-PHASE STACKABLE CONTROLLER 1 2 3 4 5 MoreTexas Instruments
ADF4251Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl