Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC100E210 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC100E210
Description  5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2003 − Rev. 2
1
Publication Order Number:
MC100E210/D
MC100E210
5VECL Dual 1:4, 1:5
Differential Fanout Buffer
The MC100E210 is a low voltage, low skew dual differential ECL
fanout buffer designed with clock distribution in mind. The device
features two fanout buffers, a 1:4 and a 1:5 buffer, on a single chip. The
device features fully differential clock paths to minimize both device and
system skew. The dual buffer allows for the fanout of two signals through
a single chip, thus reducing the skew between the two fundamental
signals from a part−to−part skew down to an output−to−output skew. This
capability reduces the skew by a factor of 4 as compared to using two
LVE111’s to accomplish the same task.
The lowest TPD delay time results from terminating only one output
pair, and the greatest TPD delay time results from terminating all the
output pairs. This shift is about 10−20 pS in TPD. The skew between
any two output pairs within a device is typically about 25 nS. If other
output pairs are not terminated, the lowest TPD delay time results
from both output pairs and the skew is typically 25 nS. When all
outputs are terminated, the greatest TPD (delay time) occurs and all
outputs display about the same 10−20 pS increase in TPD, so the
relative skew between any two output pairs remains about 25 nS.
For more information on using PECL, designers should refer to
Application Note AN1406/D.
The VBB pin, an internally generated voltage supply, is available to this
device only. For single-ended input conditions, the unused differential
input is connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA. When
not used, VBB should be left open.
Dual Differential Fanout Buffers
200 ps Part−to−Part Skew
50 ps Typical Output−to−Output Skew
Low Voltage ECL/PECL Compatible
The 100 Series Contains Temperature Compensation
28−lead PLCC Packaging
PECL Mode Operating Range: V
CC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 75 KW Pulldown Resistors
Q Output will Default LOW with Inputs Open or at V
EE
ESD Protection: Human Body Model; >2 KV,
Machine Model; >200 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 179 devices
Device
Package
Shipping
ORDERING INFORMATION
*For additional information, see Application Note
AND8002/D
MC100E210FN
PLCC−28
37 Units / Rail
MC100E210FNR2
PLCC−28 500 Tape & Reel
MARKING
DIAGRAM
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
PLCC−28
FN SUFFIX
CASE 776
MC100E210FN
AWLYYWW
128
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
A-562HDUAL DIGITS DISPLAY 1 List of Unclassifed Manufacturers
EMF18XV6T5Dual Transistor Power Management NPN/PNP Dual Complimentary 1 2 3 4 5 ON Semiconductor
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
ADCMP670Dual Comparators with 400mV Reference 1 2 3 4 5 MoreAnalog Devices
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
TPS40140DUAL OR 2-PHASE STACKABLE CONTROLLER 1 2 3 4 5 MoreTexas Instruments
ADF4251Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl