Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC97A6G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MAC97A6G
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC97A6G Datasheet(HTML) 6 Page - ON Semiconductor

  MAC97A6G Datasheet HTML 1Page - ON Semiconductor MAC97A6G Datasheet HTML 2Page - ON Semiconductor MAC97A6G Datasheet HTML 3Page - ON Semiconductor MAC97A6G Datasheet HTML 4Page - ON Semiconductor MAC97A6G Datasheet HTML 5Page - ON Semiconductor MAC97A6G Datasheet HTML 6Page - ON Semiconductor MAC97A6G Datasheet HTML 7Page - ON Semiconductor MAC97A6G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAC97 Series
http://onsemi.com
6
Figure 11. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage (dV/dt)c
LL
1N4007
200 V
+
MEASURE
I
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
dV/dt(c)
CS
ORDERING & SHIPPING INFORMATION
U.S.
Europe
Equivalent
Shipping
Description of TO92 Tape Orientation
MAC97A6RL1
Radial Tape & Reel (2K/Reel)
Flat side of TO92 & adhesive tape visible
MAC97A6RL1G
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Flat side of TO92 & adhesive tape visible
MAC97A8RLRM
MAC97A8RL1
Radial Tape & Reel (2K/Reel)
Flat side of TO92 & adhesive tape visible
MAC97A8RLRMG
MAC97A8RL1G
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Flat side of TO92 & adhesive tape visible
MAC97A4
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A4G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A6
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A6G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A8
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A8G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A6RLRF
Radial Tape & Reel (2K/Reel)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRFG
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRP
Radial Tape & Reel (2K/Reel)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRPG
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Round side of TO92 & adhesive tape on reverse side
MAC97A8RLRP
Radial Tape / Fan Fold Box (2K/Box)
Round side of TO92 & adhesive tape visible
MAC97A8RLRPG
Radial Tape / Fan Fold Box (2K/Box)
(Pb−Free)
Round side of TO92 & adhesive tape visible
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MAC97A6G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC97A6G ONSEMI-MAC97A6G Datasheet
133Kb / 8P
   Sensitive Gate Triacs
August, 2013 ??Rev. 10
MAC97A6G ONSEMI-MAC97A6G Datasheet
133Kb / 8P
   Sensitive Gate Triacs
August, 2013 ??Rev. 10
logo
Unisonic Technologies
MAC97A6G-AA3-R UTC-MAC97A6G-AA3-R Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
MAC97A6G-T92-B UTC-MAC97A6G-T92-B Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
MAC97A6G-T92-K UTC-MAC97A6G-T92-K Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results

Similar Description - MAC97A6G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com