Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR211SM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BR211SM
Description  Breakover diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BR211SM Datasheet(HTML) 3 Page - NXP Semiconductors

  BR211SM Datasheet HTML 1Page - NXP Semiconductors BR211SM Datasheet HTML 2Page - NXP Semiconductors BR211SM Datasheet HTML 3Page - NXP Semiconductors BR211SM Datasheet HTML 4Page - NXP Semiconductors BR211SM Datasheet HTML 5Page - NXP Semiconductors BR211SM Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Preliminary specification
Breakover diodes
BR211SM series
Fig.3. Maximum permissible non-repetitive on-state
current based on sinusoidal currents; f = 50 Hz;
device triggered at the start of each pulse; T
j = 70˚C
prior to surge.
Fig.4. Normalised avalanche breakdown voltage V
(BR)
and V
(BO) as a function of temperature.
Fig.5. On-state current as a function of on-state
voltage; t
p = 200 µs to avoid excessive dissipation.
Fig.6. Maximum off-state current as a function of
temperature.
Fig.7. Switching current as a function of junction
temperature.
Fig.8. Minimum holding current as a function of
temperature.
1
10
100
1000
10000
0
5
10
15
20
BR211
Number of impulses
ITSM / A
I
ITSM2
time
-40
-20
0
20
40
60
80
100
Tj / C
ID / uA
0.1
1
10
100
max
-40
-20
0
20
40
60
80
100
Tj / C
V(BR)(Tj)
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
V(BR)(25 C)
-50
0
50
150
Tj / C
IS / A
0.001
0.01
0.1
10
100
1
max
typ
min
123
4
0
5
10
15
20
Tj = 25 C
Tj = 150 C
IT / A
VT / V
typ
max
-50
0
50
150
Tj / C
IH / A
0.001
0.01
0.1
10
100
1
min
August 1996
3
Rev 1.100


Similar Part No. - BR211SM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BR211-140 PHILIPS-BR211-140 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BR211-160 PHILIPS-BR211-160 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BR211-180 PHILIPS-BR211-180 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BR211-200 PHILIPS-BR211-200 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
More results

Similar Description - BR211SM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com