Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51022AEDR16G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS51022AEDR16G
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51022AEDR16G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51022AEDR16G Datasheet HTML 3Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 4Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 5Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 6Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 7Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 8Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 9Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 10Page - ON Semiconductor CS51022AEDR16G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
7
CIRCUIT DESCRIPTION
SYNC
RTCT
SLOP
E
IS
VDS
0 V
0 V
0 V
0 V
0 V
VIN
0 V
VCOMP
PWM COMP
GATE
4.3 V
200 ns
TCH
TDIS
VSLOPE
55 ns
Blanking
IS + 0.1 SLOPE
IS
Figure 3. Typical Waveforms
THEORY OF OPERATION
Powering the IC
The IC has two supply and two ground pins. VC and
PGND pins provide high speed power drive for the external
power switch. VCC and LGND pins power the control
portion of the IC. The internal logic monitors the supply
voltage, VCC. During abnormal operating conditions, the
output is held low. The CS51021A/2A/3A/4A requires only
75
mA of startup current.
Voltage Feedback
The output voltage is monitored via the VFB pin and is
compared with the internal 2.5 V reference. The error
amplifier output minus one diode drop is divided by 3 and
connected to the negative input of the PWM comparator.
The positive input of the PWM comparator is connected to
the modified current sense signal. The oscillator turns the
external power switch on at the beginning of each cycle.
When current sense ramp voltage exceeds the reference side
of PWM comparator, the output stage latches off. It is turned
on again at the beginning of the next oscillator cycle.
Current Sense and Protection
The current is monitored at the ISENSE pin. The
CS51021A/2A/3A/4A has leading edge blanking circuitry
that ignores the first 55 ns of each switching period.
Blanking is disabled when VFB is less than 2.0 V so that the
minimum on−time of the controller does not have an
additional 55 ns of delay time during fault conditions. For
the remaining portion of the switching period, the current
sense signal, combined with a fraction of the slope
compensation voltage, is applied to the positive input of the
PWM comparator where it is compared with the divided by
three error amplifier output voltage. The pulse−by−pulse
overcurrent protection threshold is set by the voltage at the
ISET pin. This voltage is passed through the ISET Clamp and
appears at the non−inverting input of the PWM comparator,
limiting its dynamic range according to the following
formula:
Overcurrent Threshold
+ 0.8
VI(SENSE)
) 0.1 V ) 0.1 VSLOPE
where
VI(SENSE) is voltage at the ISENSE pin.
and
VSLOPE is voltage at the SLOPE pin.
During extreme overcurrent or short circuit conditions,
the slope of the current sense signal will become much
steeper than during normal operation. Due to loop
propagation delay, the sensed signal will overshoot the
pulse−by−pulse threshold eventually reaching the second
overcurrent protection threshold which is 1.33 times higher
than the first threshold and is described by the following
equation:
2nd Threshold
+ 1.33
VI(SET)
Exceeding the second threshold will reset the Soft Start
capacitor CSS and reinitiate the Soft Start sequence,
repeating for as long as the fault condition persists.
Soft Start
During power up, when the output filter capacitor is
discharged and the output voltage is low, the voltage across
the Soft Start capacitor (VSS) controls the duty cycle. An
internal current source of 55
mA charges CSS. The maximum
error amplifier output voltage is clamped by the SS Clamp.
When the Soft Start capacitor voltage exceeds the error
amplifier output voltage, the feedback loop takes over the
duty cycle control. The Soft Start time can be estimated with
the following formula:
tSS + 9
104
CSS
The Soft Start voltage, VSS, charges and discharges
between 0.25 V and 4.7 V.


Similar Part No. - CS51022AEDR16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51022 CHERRY-CS51022 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51022ED16 CHERRY-CS51022ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51022EDR16 CHERRY-CS51022EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

Similar Description - CS51022AEDR16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com