Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51021AEDR16G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS51021AEDR16G
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51021AEDR16G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS51021AEDR16G Datasheet HTML 3Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 4Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 5Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 6Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 7Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 8Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 9Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 10Page - ON Semiconductor CS51021AEDR16G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
8
Slope Compensation
DC−DC converters with current mode control require a
current sense signal with slope compensation to avoid
instability at duty cycles greater than 50%. Slope capacitor
CS is charged by an internal 53 mA current source and is
discharged during the oscillator discharge time. The slope
compensation voltage is divided by 10 and is added to the
current sense voltage, VI(SENSE). The signal applied to the
input of the PWM comparator is a combination of these two
voltages.
The
slope
compensation,
dVSLOPE/dt, is
calculated using the following formula:
dVSLOPE
dt
+ 0.1
53
mA
CS
It should be noted that internal capacitance of the IC will
cause an error when determining slope compensation
capacitance CS. This error is typically small for large values
of CS, but increases as CS becomes small and comparable to
the internal capacitance. The effect is apparent as a reduction
in charging current due to the need to charge the internal
capacitance in parallel with CS.Figure 4 shows a typical
curve indicating this decrease in available charging current.
Figure 4. The Slope Compensation Pin Charge
Current Reduces When a Small Capacitor Is Used.
10
100
1000
60
55
50
45
40
35
30
25
20
Compensation Cap (pF)
Undervoltage (UV) and Overvoltage (OV) Monitor
Two independent comparators monitor OV and UV
conditions. A string of three resistors is connected in series
between the monitored voltage (usually the input voltage)
and ground (see Figure 5). When voltage at the OV pin
exceeds 2.5 V, an overvoltage condition is detected and
GATE shuts down. An internal 12.5
mA current source turns
on and feeds current into the external resistor, R3, creating
a hysteresis determined by the value of this resistor (the
higher the value, the greater the hysteresis). The hysteresis
voltage of the OV monitor is determined by the following
formula:
VOV(HYST) + 12.5 mA
R3
where R3 is a resistor connected from the OV pin to ground.
When the monitored voltage is low and the UV pin is less
than 1.45 V, GATE shuts down. The UV pin has fixed 75 mV
hysteresis.
Both OV and UV conditions are latched until the Soft Start
capacitor is discharged. This way, every time a fault
condition is detected the controller goes through the power
up sequence.
Figure 5. UV/OV Monitor Divider
VIN
VUV
VOV
R1
R2
R3
To calculate the OV?UV resistor divider :
1. Solve for R3, based on OV hysteresis requirements.
R3 +
VOV(HYST)
2.5 V
VMAX
12.5
mA
where VOV(HYST) is the desired amount of
overvoltage hysteresis, and VMAX is the input voltage
at which the supply will shut down.
2. Find the total impedance of the divider.
RTOT + R1 ) R2 ) R3 +
VMAX
R3
2.5
3. Determine the value of R2 from the UV threshold
conditions.
R2 +
1.45
RTOT
VMIN
* R3
where VMIN is the UV voltage at which the supply
will shut down.
4. Calculate R1.
R1 + RTOT * R2 * R3
5. The undervoltage hysteresis is given by :
VUV(HYST) +
VMIN
0.075
1.45
VREF Monitor
The 5.0 V reference voltage is internally monitored to
ensure that it remains within specifications. The monitor,
which outputs a fault, can be tripped by two methods:
• If the reference voltage drops below 4.75 V
• If VCC falls below the STOP threshold
As indicated in the block diagram, any fault causes the
output to stop switching and begins the discharge of the Soft
Start capacitor CSS.


Similar Part No. - CS51021AEDR16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS51021AEDR16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com