Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1312YRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1312YRUZ
Description  -15 V/12 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1312YRUZ Datasheet(HTML) 1 Page - Analog Devices

  ADG1312YRUZ Datasheet HTML 1Page - Analog Devices ADG1312YRUZ Datasheet HTML 2Page - Analog Devices ADG1312YRUZ Datasheet HTML 3Page - Analog Devices ADG1312YRUZ Datasheet HTML 4Page - Analog Devices ADG1312YRUZ Datasheet HTML 5Page - Analog Devices ADG1312YRUZ Datasheet HTML 6Page - Analog Devices ADG1312YRUZ Datasheet HTML 7Page - Analog Devices ADG1312YRUZ Datasheet HTML 8Page - Analog Devices ADG1312YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±15 V/12 V Quad SPST Switches
ADG1311/ADG1312/ADG1313
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1311
SWITCHES SHOWN FOR A LOGIC 1 INPUT
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1312
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1313
33 V supply range
Fully specified at +12 V, ±15 V
130 Ω on resistance
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
16-lead TSSOP and 16-lead SOIC
Typical power consumption: <0.03 μW
APPLICATIONS
Signal switching
Battery-powered systems
Figure 1.
Communication systems
Audio/video signal routing
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
1.
3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V.
The ADG1311/ADG1312/ADG1313 are monolithic CMOS
devices containing four independently selectable switches
designed on a CMOS process.
2.
No VL logic power supply required.
3.
16-lead TSSOP and SOIC packages.
The ADG1311/ADG1312/ADG1313 contain four independent
single-pole/single-throw (SPST) switches. The ADG1311 and
ADG1312 differ only in that the digital control logic is inverted.
The ADG1311 switches are turned on with Logic 0 on the appro-
priate control input, while Logic 1 is required for the ADG1312.
The ADG1313 has two switches with digital control logic similar
to the ADG1311; the logic is inverted on the other two switches.
The ADG1313 exhibits break-before-make switching action for
use in multiplexer applications.
Each switch conducts equally well in both directions when on
and has an input signal range that extends to the supplies. In the
off condition, signal levels up to the supplies are blocked.


Similar Part No. - ADG1312YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results

Similar Description - ADG1312YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com