Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1311YRZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1311YRZ-REEL7
Description  -15 V/12 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1311YRZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG1311YRZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1311YRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG1311/ADG1312/ADG1313
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog Inputs
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
1
Table 4. ADG1311/ADG1312 Truth Table
Digital Inputs
GND − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
1
ADG1311 INx
ADG1312 INx
Switch Condition
0
1
On
Peak Current, S or D
100 mA (pulsed at 1 ms,
10% duty cycle max)
1
0
Off
25 mA
Continuous Current per
Channel, S or D
Table 5. ADG1313 Truth Table
Operating Temperature Range
ADG1313 INx
Switch 1, 4
Switch 2, 3
Automotive
−40°C to +105°C
0
Off
On
Storage Temperature Range
−65°C to +150°C
1
On
Off
Junction Temperature
150°C
112°C/W
16-Lead TSSOP, θJA Thermal
Impedance (4-layer board)
77°C/W
16-Lead SOIC, θJA Thermal
Impedance
260°C
Reflow Soldering Peak
Temperature, Pb free
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG1311YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results

Similar Description - ADG1311YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com