Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1234YCPZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1234YCPZ-REEL
Description  Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1234YCPZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1234YCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 9Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 10Page - Analog Devices ADG1234YCPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG1233/ADG1234
Rev. A | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog, Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever
occurs first
Continuous Current, S or D
24 mA
Peak Current, S or D (Pulsed at
1 ms, 10% Duty Cycle Mximum)
100 mA
Operating Temperature Range
Automotive Temperature Range
(Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP, θJA, Thermal Impedance
112°C/W
LFCSP, θJA, Thermal Impedance
30.4°C/W
Reflow Soldering Peak Temperature,
Pb-Fee
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating is applied at any one time.
1 Overvoltages at A, EN
, S, or D are clamped by internal diodes. Current should
be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG1234YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1234 AD-ADG1234 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
ADG1234 AD-ADG1234_15 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
More results

Similar Description - ADG1234YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com