Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMF16BT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1SMF16BT1
Description  Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMF16BT1 Datasheet(HTML) 2 Page - ON Semiconductor

  1SMF16BT1 Datasheet HTML 1Page - ON Semiconductor 1SMF16BT1 Datasheet HTML 2Page - ON Semiconductor 1SMF16BT1 Datasheet HTML 3Page - ON Semiconductor 1SMF16BT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
1SMF16BT1, 1SMF16BT3, 1SMF16BT3G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Ppk Dissipation @ TA = 25°C, (PW−10/1000 ms) (Note 1)
Ppk
175
W
Maximum Ppk Dissipation @ TA = 25°C, (PW−8/20 ms) (Note 2)
Ppk
1000
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 3.
2. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 4.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.3 Volts @ 850 mA)
VRWM
(Note 3)
VBR @ IT (V) (Note 4)
IT
IR @ VRWM
Max VC @
IPP = 1 Amp
Max VC @
IPP = 7 Amp
Device
Marking
(V)
Min
Nom
Max
(mA)
(
mA)
(V)
(V)
1SMF16B
MLU
16
16.7
17.6
18.5
1.0
1.0
20
26
3. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
4. VBR measured at pulse test current IT at ambient temperature of 25°C.
Figure 1. Typical Protection Circuit
Vin
VL
Zin
LOAD


Similar Part No. - 1SMF16BT1

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SMF4728A SUNMATE-1SMF4728A Datasheet
422Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
1SMF5913B SUNMATE-1SMF5913B Datasheet
478Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
1SMF5920B ONSEMI-1SMF5920B Datasheet
61Kb / 4P
   2.5 Watt Zener Diode in Flat Lead Package
August, 2014 ??Rev. 0
1SMF5920BT1G ONSEMI-1SMF5920BT1G Datasheet
107Kb / 4P
   2.5 Watt Zener Diode in Flat Lead Package
October 2010 ??Rev. P0
More results

Similar Description - 1SMF16BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com