Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1434 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1434
Description  4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1434 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1434 Datasheet HTML 4Page - Analog Devices ADG1434 Datasheet HTML 5Page - Analog Devices ADG1434 Datasheet HTML 6Page - Analog Devices ADG1434 Datasheet HTML 7Page - Analog Devices ADG1434 Datasheet HTML 8Page - Analog Devices ADG1434 Datasheet HTML 9Page - Analog Devices ADG1434 Datasheet HTML 10Page - Analog Devices ADG1434 Datasheet HTML 11Page - Analog Devices ADG1434 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1433/ADG1434
Rev. 0 | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADG1433
PIN 1
INDICATOR
1
D1
2
S1B
3
S2B
4
D2
11 VSS
12 EN
10 S3B
9D3
TOP VIEW
(Not to Scale)
ADG1433
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1A
D1
S1B
S2A
D2
S2B
VDD
IN1
EN
VSS
S3A
IN2
IN3
D3
S3B
GND
ADG1433
TOP VIEW
(Not to Scale)
Figure 5. LFCSP_VQ Pin Configuration
Figure 4. TSSOP Pin Configuration
Table 6. ADG1433 Pin Function Descriptions
Pin Number
TSSOP
LFCSP_VQ
Mnemonic
Description
1
15
VDD
Most Positive Power Supply Potential.
2
16
S1A
Source Terminal 1A. Can be an input or an output.
3
1
D1
Drain Terminal 1. Can be an input or an output.
4
2
S1B
Source Terminal 1B. Can be an input or an output.
5
3
S2B
Source Terminal 2B. Can be an input or an output.
6
4
D2
Drain Terminal 2. Can be an input or an output.
7
5
S2A
Source Terminal 2A. Can be an input or an output.
8
6
IN2
Logic Control Input.
9
7
IN3
Logic Control Input.
10
8
S3A
Source Terminal 3A. Can be an input or an output.
11
9
D3
Drain Terminal 3. Can be an input or an output.
12
10
S3B
Source Terminal 3B. Can be an input or an output.
13
11
VSS
Most Negative Power Supply Potential. In single supply applications, it can be connected to ground.
14
12
EN
Active Low Digital Input. When high, the device is disabled and all switches are off. When low, INx
logic inputs determine the on switches.
15
13
IN1
Logic Control Input.
16
14
GND
Ground (0 V) Reference.
Table 7. ADG1433 Truth Table
EN
INx
SxA
SxB
1
X
Off
Off
0
0
Off
On
0
1
On
Off


Similar Part No. - ADG1434

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436YCPZ-500RL7 AD-ADG1436YCPZ-500RL7 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
More results

Similar Description - ADG1434

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com