Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG701LBRJ-500RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG701LBRJ-500RL7
Description  CMOS Low Voltage 2 OHM SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRJ-500RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG701LBRJ-500RL7 Datasheet HTML 2Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 3Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 4Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 5Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 6Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 7Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 8Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 9Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADG701L/
ADG702L
TOP VIEW
(Not to Scale)
D
1
NC
2
NC
3
VDD 4
S
GND
IN
NC
8
7
6
5
NC = NO CONNECT
ADG701L/
ADG702L
TOP VIEW
(Not to Scale)
D
1
S
2
GND
3
VDD
6
NC
5
IN
4
ADG701L/
ADG702L
TOP VIEW
(Not to Scale)
D
1
S
2
GND
3
VDD
5
IN
4
Figure 3. 8-Lead MSOP Pin Configuration
Figure 4. 6-Lead SOT-23 Pin Configuration
Figure 5. 5-Lead SOT-23 Pin Configuration
Table 4. Pin Function Descriptions
Pin Number
8-Lead MSOP
6-lead SOT-23
5-lead SOT-23
Mnemonic
Description
1
1
1
D
Drain Terminal. May be an input or output.
2, 3, 5
5
N/A
NC
No Connect.
4
6
5
VDD
Most Positive Power Supply Potential.
6
4
4
IN
Logic Control Input.
7
3
3
GND
Ground (0 V) Reference.
8
2
2
S
Source Terminal. May be an input or output.
Table 5. Truth Table
ADG701L In
ADG702L In
Switch Condition
0
1
Off
1
0
On


Similar Part No. - ADG701LBRJ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG701 AD-ADG701 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-REEL AD-ADG701BRJ-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG701LBRJ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com