Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMP609 Datasheet(PDF) 6 Page - Analog Devices

Part # ACMP609
Description  Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ACMP609 Datasheet(HTML) 6 Page - Analog Devices

Back Button ACMP609 Datasheet HTML 2Page - Analog Devices ACMP609 Datasheet HTML 3Page - Analog Devices ACMP609 Datasheet HTML 4Page - Analog Devices ACMP609 Datasheet HTML 5Page - Analog Devices ACMP609 Datasheet HTML 6Page - Analog Devices ACMP609 Datasheet HTML 7Page - Analog Devices ACMP609 Datasheet HTML 8Page - Analog Devices ACMP609 Datasheet HTML 9Page - Analog Devices ACMP609 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP608/ADCMP609
Preliminary Technical Data
Rev. PrA | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADCMP608
TOP VIEW
(Not to Scale)
Q 1
VCC
6
VEE 2
SDN
5
VP 3
VN
4
ADCMP609
TOP VIEW
(Not to Scale)
VCC 1
Q
8
VP 2
Q
7
VN 3
VEE
6
SDN 4
LE/HYS
5
Figure 2. ADCMP608 Pin Configuration
Figure 3. ADCMP609 Pin Configuration
Table 4. ADCMP608 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN.
2
VEE
Negative Supply Voltage.
3
VP
Noninverting Analog Input.
4
Vn
Inverting Analog Input.
5
SDN
Shutdown. Drive this pin low to shutdown the device.
6
VCC
VCC Supply.
Table 5. ADCMP609 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCCI/VCCO
Vcc Supply.
2
VP
Noninverting Analog Input.
3
Vn
Inverting Analog Input.
4
SDN
Shutdown. Drive this pin low to shutdown the device.
5
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current source for hysteresis; drive TTL low to latch.
6
VEE
Negative Supply Voltage.
7
Q
Noninverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN, provided the comparator is in compare mode.
8
Q
Inverting Output. Q is at logic high if the analog voltage at the noninverting input VP is greater than the analog
voltage at the inverting input, VN, provided the comparator is in compare mode.


Similar Part No. - ACMP609

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMP-1264 ABRACON-ACMP-1264 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-1264-102 ABRACON-ACMP-1264-102 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-1264-132 ABRACON-ACMP-1264-132 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-1264-231 ABRACON-ACMP-1264-231 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
ACMP-1264-252 ABRACON-ACMP-1264-252 Datasheet
763Kb / 6P
   Power Common Mode Chokes
06-29-22
More results

Similar Description - ACMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP609 AD-ADCMP609 Datasheet
289Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com