Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73213DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73213DBVR
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73213DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS73213DBVR Datasheet HTML 1Page - Texas Instruments TPS73213DBVR Datasheet HTML 2Page - Texas Instruments TPS73213DBVR Datasheet HTML 3Page - Texas Instruments TPS73213DBVR Datasheet HTML 4Page - Texas Instruments TPS73213DBVR Datasheet HTML 5Page - Texas Instruments TPS73213DBVR Datasheet HTML 6Page - Texas Instruments TPS73213DBVR Datasheet HTML 7Page - Texas Instruments TPS73213DBVR Datasheet HTML 8Page - Texas Instruments TPS73213DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DCQ PACKAGE
SOT223
(TOP VIEW)
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TAB IS GND
DBV PACKAGE
SOT23
(TOP VIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
TPS732xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
Typical Application Circuit for Fixed-Voltage Versions
TPS732xx
SBVS037I – AUGUST 2003 – REVISED MAY 2006
Cap-Free, NMOS, 250mA Low Dropout Regulator
with Reverse Current Protection
Stable with No Output Capacitor or Any Value
The TPS732xx family of low-dropout (LDO) voltage
or Type of Capacitor
regulators uses a new topology: an NMOS pass
element in a voltage-follower configuration. This
Input Voltage Range: 1.7V to 5.5V
topology is stable using output capacitors with low
Ultralow Dropout Voltage: 40mV Typ at
ESR, and even allows operation without a capacitor.
250mA
It also provides high reverse blockage (low reverse
Excellent Load Transient Response—with or
current) and ground pin current that is nearly
without Optional Output Capacitor
constant over all values of output current.
New NMOS Topology Provides Low Reverse
The TPS732xx uses an advanced BiCMOS process
Leakage Current
to yield high precision while delivering very low
dropout voltages and low ground pin current. Current
Low Noise: 30
µV
RMS Typ (10kHz to 100kHz)
consumption, when not enabled, is under 1
µA and
0.5% Initial Accuracy
ideal for portable applications. The extremely low
1% Overall Accuracy (Line, Load, and
output noise (30
µV
RMS with 0.1µF CNR) is ideal for
Temperature)
powering VCOs. These devices are protected by
thermal shutdown and foldback current limit.
Less Than 1
µA Max I
Q in Shutdown Mode
Thermal Shutdown and Specified Min/Max
Current Limit Protection
Available in Multiple Output Voltage Versions
– Fixed Outputs of 1.20V to 5.0V
– Adjustable Outputs from 1.20V to 5.5V
– Custom Outputs Available
Portable/Battery-Powered Equipment
Post-Regulation for Switching Supplies
Noise-Sensitive Circuitry such as VCOs
Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73213DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73213DBVR TI-TPS73213DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73213DBVR TI1-TPS73213DBVR Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS73213DBVRG4 TI-TPS73213DBVRG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73213DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com