Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8830 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP8830
Description  Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8830 Datasheet(HTML) 4 Page - Exar Corporation

  MP8830 Datasheet HTML 1Page - Exar Corporation MP8830 Datasheet HTML 2Page - Exar Corporation MP8830 Datasheet HTML 3Page - Exar Corporation MP8830 Datasheet HTML 4Page - Exar Corporation MP8830 Datasheet HTML 5Page - Exar Corporation MP8830 Datasheet HTML 6Page - Exar Corporation MP8830 Datasheet HTML 7Page - Exar Corporation MP8830 Datasheet HTML 8Page - Exar Corporation MP8830 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP8830
4
Rev. 1.00
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: AVDD = DVDD= 5 V, DGND = AGND = 0 V, VREF = AVDD  0.2
Temperature = 0 to 60
°C1
A/D Converters
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comments
Resolution
N
10
Bits
Differential Non-Linearity
DNL
–1
0.75
2
LSB
Gain DAC = 000 (hex), offset DAC = 00 (hex).
Monotonicity guaranteed.
Differential Non-Linearity
DNL
–1
0.5
2
LSB
Gain DAC = 1FF (hex), offset DAC = 00 (hex).
Monotonicity guaranteed.
Integral Non-Linearity
INL
2
2.75
LSB
Gain DAC = 000 (hex), offset DAC = 00 (hex),
Best fit straight line.
Integral Non-Linearity
INL
1.5
2
LSB
Gain DAC = 1FF (hex), offset DAC = 00 (hex),
Best fit straight line.
Zero Scale Error
ZSE
–15
9
mV
Measured with offset and gain DACs set to
000. Offset is defined as the difference be-
tween the clamp voltage and the analog input
voltage which results in the transition of the
ADC code from 004 to 005.
Zero Scale Drift2
ZSD
50
µV/°C
Measured as the change in the ZSE over tem-
perature. This error does not include the error
introduced by the external VREF amplifier or
external VREF resistor divider.
DC Input Range
AIN
VCLP
–5mV
2.92 V +
VCLP
–5 mV
V
The digitizing range is set with the Gain DAC
and offset DAC. Please note AIN (min) is
VCLP – 4 LSB = VRB and AIN (max) is GFS
(max) + ZSR (max) + VCLP – 4 LSB.
Data Rate
FS
1.25
MSPS
The conversion rate is determined by the tim-
ing diagram and timing specifications. Set by
the CVL period.
Analog Input Voltage Change from
Sample to Sample2
DAIN
0
FS V
Assuming AIN voltage remains within the spe-
cified digitizing range based on the offset and
gain DAC codes.
Input Capacitance2
CIN
45
pF
Measured with AIN DC = 2.5 V and AENL =
low.
Gain DAC
Resolution
N
9
Bits
Differential Non-Linearity
DNL
–1
+2.25
LSB
Integral Non-Linearity
INL
+2
LSB
Gain DAC Full Scale
(VRT – VRB)
GFS
2.6
2.68
2.76
V
Gain DAC = 1FF
VRT is the top of the ADC reference ladder.
Refer to block diagram.
Gain DAC Zero Scale
(VRT – VRB)
GZS
1.22
1.26
1.3
V
Gain DAC = 000
VRB is the bottom of the ADC reference lad-
der. Refer to block diagram.
Maximum Gain Change per Cycle2
MGC
50
% FSR
After the specified maximum change in gain
DAC setting, the ADC should output the same
code
1 LSB for all of the following conver-
sions assuming the analog input remains
fixed, i.e. DC.
Settling Time (MGC)2
ts-gd
200
ns


Similar Part No. - MP8830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP88 ETC1-MP88 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
More results

Similar Description - MP8830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com