Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCMP605BCPZ-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP605BCPZ-R71
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605BCPZ-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP605BCPZ-R71 Datasheet HTML 5Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 6Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 7Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 8Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 9Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 10Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 11Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 12Page - Analog Devices ADCMP605BCPZ-R71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADCMP604/ADCMP605
Rev. 0 | Page 9 of 16
HYS PIN CURRENT (µA)
0
50
100
150
200
250
300
350
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
+125°C
+25°C
–40°C
Figure 11. Hysteresis vs. Pin Current
1.0
1.5
2.0
2.5
3.0
3.5
0
1020
30
40
506070
80
90
100
OVER DRIVE (mV)
PROPAGATION
DELAY
Figure 12 . Propagation Delay vs. Input Overdrive
1.3
1.4
1.5
1.6
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
VCM AT VCC (2.5V)
PROPAGATION
DELAY RISE ns
PROPAGATION
DELAY FALL ns
Figure 13. Propagation Delay vs. Input Common Mode
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
2.4
3.4
4.4
5.4
VCC (V)
ADCMP605 - OUTPUT SWING VS VCC
Figure 14. Output Swing vs. VCC
925.0mV
1.000ns/DIV
1.425V
Q
Q
Figure 15. 50 MHz Output Voltage Waveform VCCO = 2.5 V
1.043V
1.000ns/DIV
1.543V
Q
Q
Figure 16. 50 MHz Output Voltage Waveform VCCO = 5.5 V


Similar Part No. - ADCMP605BCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP605BCPZ-R7 AD-ADCMP605BCPZ-R7 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
More results

Similar Description - ADCMP605BCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
REV. 0
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com