Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1328 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU1328
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1328 Datasheet(HTML) 3 Page - Analog Devices

  ADAU1328 Datasheet HTML 1Page - Analog Devices ADAU1328 Datasheet HTML 2Page - Analog Devices ADAU1328 Datasheet HTML 3Page - Analog Devices ADAU1328 Datasheet HTML 4Page - Analog Devices ADAU1328 Datasheet HTML 5Page - Analog Devices ADAU1328 Datasheet HTML 6Page - Analog Devices ADAU1328 Datasheet HTML 7Page - Analog Devices ADAU1328 Datasheet HTML 8Page - Analog Devices ADAU1328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADAU1328
Rev. 0 | Page 3 of 32
SPECIFICATIONS
TEST CONDITIONS
Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation specifications.
Supply Voltages (AVDD, DVDD)
3.3 V
Temperature Range1
As specified in Table 1
Master Clock
12.288 MHz (48 kHz fS, 256 × fS mode)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 bits
Load Capacitance (Digital Output)
20 pF
Load Current (Digital Output)
±1 mA or 1.5 kΩ to ½ DVDD supply
Input Voltage HI
2.0 V
Input Voltage LO
0.8 V
1 Functionally guaranteed at −40°C to +85°C case temperature.
ANALOG PERFORMANCE SPECIFICATIONS
Specifications guaranteed at 25°C (ambient).
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
All ADCs
24
Bits
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
102
dB
With A-Weighted Filter (RMS)
100
105
dB
Total Harmonic Distortion + Noise
−1 dBFS
−96
−87
dB
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.25
+0.25
dB
Offset Error
−10
0
+10
mV
Gain Drift
100
ppm/°C
Interchannel Isolation
−110
dB
CMRR
100 mV rms, 1 kHz
55
dB
100 mV rms, 20 kHz
55
dB
Input Resistance
14
Input Capacitance
10
pF
Input Common-Mode Bias Voltage
1.5
V
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
104
dB
With A-Weighted Filter (RMS)
100
106
dB
With A-Weighted Filter (Avg)
108
dB
Total Harmonic Distortion + Noise
0 dBFS
Single-Ended Version
Two channels running
−92
dB
Eight channels running
−86
−75
dB
Full-Scale Output Voltage
0.88 (2.48)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−16
−4
16
mV
Gain Drift
−30
30
ppm/°C
Interchannel Isolation
100
dB


Similar Part No. - ADAU1328

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1328 AD-ADAU1328 Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328BSTZ AD-ADAU1328BSTZ Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328BSTZ-RL AD-ADAU1328BSTZ-RL Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
More results

Similar Description - ADAU1328

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com