Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88343DLMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88343DLMGTR
Description  3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88343DLMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88343DLMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88343DLMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88343DL
April 2006
3
M9999-040606-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
MLF™
Pin Name
Type
Pin Functioon
15
/EN
TTL Input: Default is
HIGH.
/Enable: This input enables the outputs when it is LOW. Note that this
input is internally connected to a 25kΩ pull-up resistor and will default to
logic HIGH state if left open.
1
DIN
Data Input
True data input.
4
/DIN
Data Input
Complementary data input.
6
VREF
Reference Voltage: Bypass with 0.1µF low ESR capacitor from VREF to
VCC to stabilize LOSLVL and VREF.
14
LOSLVL
Input
Loss-of-Signal Level Set: a resistor from this pin to VCC sets the
threshold for the data input amplitude at which LOS will be asserted.
2, 3,
10, 11
GND,
Exposed
Pad
Ground
Device ground. GND and Exposed pad are to be tied to the same
ground plane.
7
LOS
Open-collector TTL
output w/internal
4.75kΩ pull-down
resistor
Loss-of-Signal: asserts high when the data input amplitude falls below
the threshold sets by LOSLVL.
9
/DOUT
CML Output
Complementary data output.
12
DOUT
CML Output
True data output.
5, 8,
13, 16
VCC
Power Supply
Positive power supply.


Similar Part No. - SY88343DLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343DLMGTR MICREL-SY88343DLMGTR Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DLMGTR MICREL-SY88343DLMGTR Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

Similar Description - SY88343DLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com