Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89312V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89312V
Description  3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89312V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89312V Datasheet HTML 1Page - Micrel Semiconductor SY89312V Datasheet HTML 2Page - Micrel Semiconductor SY89312V Datasheet HTML 3Page - Micrel Semiconductor SY89312V Datasheet HTML 4Page - Micrel Semiconductor SY89312V Datasheet HTML 5Page - Micrel Semiconductor SY89312V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precision Edge®
SY89312V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
Q
CLK
t
RR
RESET
PECL: V
CC = +3.3V ±10% or +5V ±10% and VEE = GND; ECL: VEE = –3.3V ±10% or –5V ±10% and VCC = GND; RL = 50Ω to VCC–2V;
T
A = –40°C to +85°C unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Input Frequency
4
——
GHz
t
pd
Propagation Delay to Output
ps
Differential
RESET, CLK ➝ Q, /Q
250
275
440
t
RR
Set/Reset Recovery
200
100
ps
t
PW
Minimum Pulse Width
RESET
550
200
ps
t
JITTER
Cycle-to-Cycle RMS Jitter
——
1ps
RMS
V
PP
Input Voltage Swing
150
800
1200
mV
(Differential)
t
r
Output Rise/Fall Times
Q, /Q
50
100
160
ps
t
f
(20% to 80%)
Note:
6. Measured using a 750mV source, 50% duty cycle clock source.
AC ELECTRICAL CHARACTERISTICS(6)


Similar Part No. - SY89312V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89312VMGTR MICREL-SY89312VMGTR Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
More results

Similar Description - SY89312V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com