Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y100132AF03NBE Datasheet(PDF) 1 Page - ITT Industries

Part # Y100132AF03NBE
Description  4, 5 & 6 Tumbler Switchlocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

Y100132AF03NBE Datasheet(HTML) 1 Page - ITT Industries

  Y100132AF03NBE Datasheet HTML 1Page - ITT Industries Y100132AF03NBE Datasheet HTML 2Page - ITT Industries Y100132AF03NBE Datasheet HTML 3Page - ITT Industries Y100132AF03NBE Datasheet HTML 4Page - ITT Industries Y100132AF03NBE Datasheet HTML 5Page - ITT Industries Y100132AF03NBE Datasheet HTML 6Page - ITT Industries Y100132AF03NBE Datasheet HTML 7Page - ITT Industries Y100132AF03NBE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C&K Y Series
4, 5 & 6 Tumbler Switchlocks
M–3
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
Models Available
Features/Benefits
Anti-static switch—exceeds
20 KV DCstatic resistance
Momentary models available
Wire leads and harnesses available
Typical Applications
Point-of-sale terminals
Cash registers
Computers
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA). See page M-9 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º or 90º, 2-4 positions (4&5 tumbler switchlocks).
45º, 3 positions; or 90º, 2 positions (6 tumbler tubular
switchlocks).
Other functions available, consult Customer Service Center.
STATIC RESISTANCE: Anti-static models exceed 20 KV DC static
resistance @ sea level, lock body to terminals.
MOUNTING TORQUE: 10 in./lbs.; 14 in./lbs max.
Materials
LOCK: Zinc alloy with stainless steel facing, std. (4 & 5 tumbler lock
and 6 tumbler tubular lock).
KEYS: Two nickel plated brass keys, with code number, std.
(4 and 5 tumbler lock). Two die cast chrome plated zinc alloy
keys,std. (6 tumbler lock).
SWITCH HOUSING: Glass filled polyester (UL 94V-0).
CONTACTS AND TERMINALS: Q contact material: Copper, silver
plated. See page M-9 for additional contact materials.
MOUNTING NUT: Zinc alloy.
MOUNTING CLIP: Steel, zinc plated.
DRESS NUT: Brass, nickel plated.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages M–4 through M–10. For additional options not shown in catalog, consult Customer Service Center.
Switch and Lock Function
Y10013 SP, 45°, keypull pos. 1
Y1011U SP, 90°, keypull pos. 1 & 2
Y1001U SP, 40°, keypull pos. 1 & 3
Y2001U DP, 40°, keypull pos. 1 & 3
Y10082 SP, 40°, keypull pos. 1
Y20082 DP, 40°, keypull pos. 1
Y100AA SP, 40°, keypull pos. 1, 2 & 3
Y200AA DP, 40°, keypull pos. 1, 2 & 3
Y100AB SP, 40°, keypull pos. 1, 2, 3 & 4
Y200AB DP, 40°, keypull pos. 1, 2, 3 & 4
Y10113 SP, 90°, keypull pos. 1
Y20113 DP, 90°, keypull pos. 1
Y1011C SP, 90°, keypull pos.2
Y2011C DP, 90°, keypull pos. 2
Y2011U DP, 90°, keypull pos. 1 & 2
Y14173 SP, 90°, keypull pos. 1
Y1417U SP, 90°, keypull pos. 1,2 & 3
Y10812 SP, 40°, mom., keypull pos. 1
Y20812 DP, 45°, mom., keypull pos. 1
Y19073 SP w/common, 90°, keypull pos. 1
Y1907U SP w/common, 90°, keypull pos. 1, 2 & 3
Y1900S SP w/common, 90°, keypull pos. 1, 2, 3 & 4
Mounting/Lock Style
N With nut
D With clip
L
With removable dress nut and latch pawl
R With removable dress nut
Keying
2 Two nickel plated brass keys (4 &
5 tumbler) or two die cast zinc alloy keys with
chrome plating (6 tumbler)
6 Two nickel plated brass keys with code on lock face
Lock Finish
2 Stainless steel facing
8 Gloss black facing
F Polished nickel facing
Terminations
03 Solder lug with hole
01 Solder lug with notch
02 PC Thru-hole
07 Solder lug with hole
(Y19OXX models only)
WC Wire lead
Contact Material
Q Silver
B Gold
G Gold over silver
Seal
NONE No seal
E Epoxy seal
Lock Type
A 4 Tumbler lock (YXO8 models)
C 4 Tumbler lock with detent
V 6 Tumbler tubular lock
B 5 Tumbler lock
R 4 Tumbler lock with detent and anti-Static switch
W 6 Tumbler tubular lock with anti-Static switch
Patent No. 4,639,562


Similar Part No. - Y100132AF03NBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y100132A03NQE CK-COMPONENTS-Y100132A03NQE Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y100132A203NQE CK-COMPONENTS-Y100132A203NQE Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
More results

Similar Description - Y100132AF03NBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com