Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLW898 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW898
Description  UHF linear power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW898 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW898 Datasheet HTML 2Page - NXP Semiconductors BLW898 Datasheet HTML 3Page - NXP Semiconductors BLW898 Datasheet HTML 4Page - NXP Semiconductors BLW898 Datasheet HTML 5Page - NXP Semiconductors BLW898 Datasheet HTML 6Page - NXP Semiconductors BLW898 Datasheet HTML 7Page - NXP Semiconductors BLW898 Datasheet HTML 8Page - NXP Semiconductors BLW898 Datasheet HTML 9Page - NXP Semiconductors BLW898 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 Jul 16
6
Philips Semiconductors
Product specification
UHF linear power transistor
BLW898
Fig.7
Intermodulation distortion as a function of
output power; typical values.
VCE = 25 V; ICQ = 1.1 A; f = 860 MHz; (3-tone; −8/−16/−10 dB).
(1) Th =25 °C.
(2) Th =70 °C.
handbook, halfpage
0
−10
−30
−50
−70
10
20
30
MGD536
dim
(dB)
Po sync (W)
(1)
(2)
Fig.8
Intermodulation distortion as a function of
collector current; typical values.
VCE = 25 V; ICQ = 1.1 A; f = 860 MHz; Po sync =3W;
(3-tone;
−8/−16/−10 dB).
(1) Th =70 °C.
(2) Th =25 °C.
handbook, halfpage
0
-40
-50
-60
-70
0.4
0.8
1.6
MGD537
1.2
IC (A)
(2)
(1)
dim
(dB)
Fig.9 Class-A test circuit at 860 MHz.
handbook, full pagewidth
MGD538
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
DUT
L6
C4
C5
L4
L9
L10
L11
L5
L1
C1
C2
+VBB
+VCC
L2 L3
L8
L7
C13
R2
output
50
input
50
C9
C10
C11
C12
,
R1
L12
C8
C6
C7
C3


Similar Part No. - BLW898

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLW89 NJSEMI-BLW89 Datasheet
96Kb / 3P
   U.H.F. POWER TRANSISTOR
More results

Similar Description - BLW898

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
   UHF linear power transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW98 PHILIPS-BLW98 Datasheet
80Kb / 13P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
   UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW32 PHILIPS-BLW32 Datasheet
81Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW34 NJSEMI-BLW34 Datasheet
125Kb / 4P
   UHF linear power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com