Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86613S Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB86613S
Description  IEEE1394 Open HCI Controller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86613S Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB86613S Datasheet HTML 2Page - Fujitsu Component Limited. MB86613S Datasheet HTML 3Page - Fujitsu Component Limited. MB86613S Datasheet HTML 4Page - Fujitsu Component Limited. MB86613S Datasheet HTML 5Page - Fujitsu Component Limited. MB86613S Datasheet HTML 6Page - Fujitsu Component Limited. MB86613S Datasheet HTML 7Page - Fujitsu Component Limited. MB86613S Datasheet HTML 8Page - Fujitsu Component Limited. MB86613S Datasheet HTML 9Page - Fujitsu Component Limited. MB86613S Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
Preliminary
5
2. Pin Functions
2.2. Pin Assignment
Figure 2.1 shows the MB86613S pin assignment.
C/BE#1
VDD5/3
AD15
AD14
AD13
AD12
AD11
VSS5/3
AD10
AD9
AD8
C/BE0#
AD7
VSS5/3
AD6
AD5
AD4
AD3
AD2
VDD5/3
AD1
AD0
PME#
VSS5/3
DVSS3
AD24
AD25
AD26
VSS5/3
AD27
AD28
AD29
AD30
AD31
VDD5/3
REQ#
GNT#
PCICLK
RST#
INTA#
VSS5/3
DVDD3
DVSS3
AVSS3
AVDD3
TPBIAS
TPA
TPA#
TPB
TPB#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
MB86613S
(100- pin Plastic LQFP)
Topview
VDD5/3 & VSS5/3 : Power Supply pins and Ground pins for PCI I/O buffer (5V or 3.3V).
VDD5 & VSS5 : Power supply pins and Ground for memory interface (5V or 3.3V).
DVDD3 & DVSS3 : Power supply pins and Ground pins for 1394, OHCI, and PCI/DMA blocks. (3.3V)
AVDD3 & AVSS3 : Power supply pins and Ground pins for PLL, 1394 transceiver and comparator. (3.3V)
Fig. 2.1 Pin Assignment


Similar Part No. - MB86613S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613PBT FUJITSU-MB86613PBT Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613PFV FUJITSU-MB86613PFV Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
More results

Similar Description - MB86613S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
logo
NEC
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72870 NEC-UPD72870 Datasheet
337Kb / 48P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821017-10 QUALTEK-1821017-10 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
logo
Texas Instruments
CC2564MODN TI1-CC2564MODN Datasheet
16Mb / 62P
[Old version datasheet]   Bluetooth Host Controller Interface (HCI) Module
logo
Qualtek Electronics Cor...
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com