Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z50F Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # Z50F
Description  2,500 V - 10,000 V Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z50F Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  Z50F Datasheet HTML 1Page - Voltage Multipliers Inc. Z50F Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
126
0
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
Temperature (C)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
2040
6080
100
Reverse Bias Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
0.0
1.0
2.0
3.0
4.0
5.0
Forward Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
2.0
4.0
6.0
8.0
10.0
Forward Current (A)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Z25F Z50F Z100F
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Z100F
Z50F
Z25F
Z100F
Z25F
Z50F
Lead Temperature (°C)
Temperature (°C)
Temperature (°C)


Similar Part No. - Z50F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z50FF3 ETC1-Z50FF3 Datasheet
95Kb / 2P
   2,000 V - 10,000 V Rectifiers
logo
Voltage Multipliers Inc...
Z50FF3 VMI-Z50FF3 Datasheet
39Kb / 1P
   Spice Model
Z50FF3 VMI-Z50FF3 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
Z50FF3 NJSEMI-Z50FF3 Datasheet
364Kb / 1P
   2,000 V -10,000 V Rectifiers
logo
Voltage Multipliers Inc...
Z50FF3LL VMI-Z50FF3LL Datasheet
50Kb / 1P
   High Voltage Rectifiers - Formed Lead
More results

Similar Description - Z50F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K25S ETC1-K25S Datasheet
55Kb / 2P
   2,500 V - 10,000 V Rectifiers
1N6529 ETC-1N6529 Datasheet
89Kb / 2P
   2,000 V - 10,000 V Rectifiers
1N6521 ETC-1N6521 Datasheet
91Kb / 2P
   2,000 V - 10,000 V Rectifiers
Z20FF3 ETC1-Z20FF3 Datasheet
95Kb / 2P
   2,000 V - 10,000 V Rectifiers
logo
New Jersey Semi-Conduct...
Z20FF3 NJSEMI-Z20FF3 Datasheet
364Kb / 1P
   2,000 V -10,000 V Rectifiers
logo
Voltage Multipliers Inc...
X25FG VMI-X25FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
NJS25UF NJSEMI-NJS25UF Datasheet
274Kb / 1P
   2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
logo
List of Unclassifed Man...
Z25SG ETC1-Z25SG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers (0.50 A - 1.5 A Forward Current 3000 ns Recovery Time)
logo
Voltage Multipliers Inc...
Z25FG VMI-Z25FG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time
K25F VMI-K25F Datasheet
83Kb / 2P
   2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com