Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L53GT Datasheet(PDF) 4 Page - Kingbright Corporation

Part # L53GT
Description  T-1 3/4(5mm) SOLID STATE LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L53GT Datasheet(HTML) 4 Page - Kingbright Corporation

  L53GT Datasheet HTML 1Page - Kingbright Corporation L53GT Datasheet HTML 2Page - Kingbright Corporation L53GT Datasheet HTML 3Page - Kingbright Corporation L53GT Datasheet HTML 4Page - Kingbright Corporation L53GT Datasheet HTML 5Page - Kingbright Corporation L53GT Datasheet HTML 6Page - Kingbright Corporation L53GT Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPEC NO: CDA0704
REV NO: V.1
DATE: NOV/12/2001
PAGE: 4 OF 7
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
High Efficiency Red L53ID,L53IT
Bright Red L53HD


Similar Part No. - L53GT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5300AH7 STMICROELECTRONICS-L5300AH7 Datasheet
1Mb / 22P
   for car body applications
L5300EPT STMICROELECTRONICS-L5300EPT Datasheet
1Mb / 22P
   for car body applications
L5300GJ STMICROELECTRONICS-L5300GJ Datasheet
1Mb / 22P
   for car body applications
L5300RPT STMICROELECTRONICS-L5300RPT Datasheet
1Mb / 22P
   for car body applications
logo
List of Unclassifed Man...
L530FI ETC2-L530FI Datasheet
156Kb / 3P
   Turnlok Locking Devices Flanged Inlets Outlets
More results

Similar Description - L53GT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L-1593 KINGBRIGHT-L-1593 Datasheet
165Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L-1503 KINGBRIGHT-L-1503 Datasheet
142Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L1513IT KINGBRIGHT-L1513IT Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4300HLC CML-4300HLC Datasheet
65Kb / 1P
   Solid State LED Lamps-LowCurrent T-1 3/4 (5mm)
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com