Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPV0E24G61MSW Datasheet(PDF) 5 Page - ITT Industries

Part # TPV0E24G61MSW
Description  1 Filter Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPV0E24G61MSW Datasheet(HTML) 5 Page - ITT Industries

  TPV0E24G61MSW Datasheet HTML 1Page - ITT Industries TPV0E24G61MSW Datasheet HTML 2Page - ITT Industries TPV0E24G61MSW Datasheet HTML 3Page - ITT Industries TPV0E24G61MSW Datasheet HTML 4Page - ITT Industries TPV0E24G61MSW Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.ittcannon.com
312
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors
TPV
Flange Mounting Receptacle
Jam Nut Receptacle
TPV0
TPV7
POLARIZING
GROOVE
4 HOLES
.120 DIA.
G
(TP)
POLARIZING
GROOVE
V
A
W
N THD.
F
DIA.
G
C
B
L
M
K (TP)
B
F
DIA.
J
L
M
0.005
.147 DIA. (SIZE
24 ONLY)
Shell
Size
10
12
14
16
18
20
22
24
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.587 (14.91)
.587 (14.91)
.620 (15.75)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.275 (32.39)
1.275 (32.39)
1.275 (32.39)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.590 (40.38)
1.590 (40.38)
1.590 (40.38)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (2.79)
.110 (2.79)
.110 (2.79)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
B
Max.
F
Max.
Shell
Size
10
12
14
16
18
20
22
24
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.763 (19.38)
.763 (19.38)
.763 (19.38)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.250 (6.35)
.250 (6.35)
.219 (5.56)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.275 (32.39)
1.275 (32.39)
1.275 (32.39)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.590 (40.39)
1.590 (40.39)
1.590 (40.39)
1.203 (30.56)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.766 (44.86)
1.954 (49.63)
2.078 (52.78)
2.203 (55.96)
11/16-24UNEF
7/8-20 UNEF
1 -20UNEF
1-1/8-18UNEF
1-1/4-18UNEF
1-3/8-18UNEF
1-1/2-18UNEF
1-5/8-18UNEF
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.148 (3.76)
.148 (3.76)
.148 (3.76)
.892 (22.66)
1.079 (27.41)
1.205 (30.61)
1.329 (33.76)
1.455 (36.96)
1.579 (40.11)
1.705 (43.31)
1.829 (46.46)
1.078 (27.38)
1.266 (32.16)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.828 (46.43)
1.954 (49.63)
2.078 (52.78)
F
Max.
B
Max.
A
Max.
V
Max.
L
Max.
G
+
_ .009 (0.23)
M
Max.
W
Dia.
N Thread
Class 2A
C
Panel
Thickness
L
Max.
M
Max.
J
Max.
K
Basic
G
Max.


Similar Part No. - TPV0E24G61MSW

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV0303DA TOPPOWER-TPV0303DA Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA TOPPOWER-TPV0303DA Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W1 TOPPOWER-TPV0303DA-W1 Datasheet
215Kb / 3P
   0.11W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W1 TOPPOWER-TPV0303DA-W1 Datasheet
814Kb / 3P
   0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W25 TOPPOWER-TPV0303DA-W25 Datasheet
790Kb / 3P
   0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV0E24G61MSW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
   1 MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com