Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3407G Datasheet(PDF) 10 Page - Micronas

Part # MSP3407G
Description  Multistandard Sound Processor Family
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3407G Datasheet(HTML) 10 Page - Micronas

Back Button MSP3407G Datasheet HTML 6Page - Micronas MSP3407G Datasheet HTML 7Page - Micronas MSP3407G Datasheet HTML 8Page - Micronas MSP3407G Datasheet HTML 9Page - Micronas MSP3407G Datasheet HTML 10Page - Micronas MSP3407G Datasheet HTML 11Page - Micronas MSP3407G Datasheet HTML 12Page - Micronas MSP3407G Datasheet HTML 13Page - Micronas MSP3407G Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
MSP 34x7G
PRELIMINARY DATA SHEET
10
Micronas
2.2.3. Preprocessing of Demodulator Signals
The NICAM signals must be processed by a deempha-
sis filter and adjusted in level. The analog demodu-
lated signals must be processed by a deemphasis fil-
ter, adjusted in level, and dematrixed. The correct
deemphasis filters are already selected by setting the
standard in the STANDARD SELECT register. The
level adjustment has to be done by means of the FM/
AM and NICAM prescale registers. The necessary
dematrix function depends on the selected sound
standard and the actual broadcasted sound mode
(mono, stereo, or bilingual). It can be manually set by
the FM Matrix Mode register or automatically by the
Automatic Sound Selection.
2.2.4. Automatic Sound Select
In the Automatic Sound Select mode, the dematrix
function is automatically selected based on the identifi-
cation information in the STATUS register. No I2C inter-
action is necessary when the broadcasted sound
mode changes (e.g. from mono to stereo).
The demodulator supports the identification check by
switching between mono-compatible standards (stan-
dards that have the same FM-Mono carrier) automati-
cally and non-audible. If B/G-FM or B/G-NICAM is
selected, the MSP will switch between these stan-
dards. The same action is performed for the standards:
D/K1-FM,
D/K2-FM,
D/K3-FM
and
D/K-NICAM.
Switching is only done in the absence of any stereo or
bilingual identification. If identification is found, the
MSP keeps the detected standard.
In case of high bit-error rates, the MSP 34x7G auto-
matically falls back from digital NICAM sound to ana-
log FM or AM mono.
Table 2–1 summarizes all actions that take place when
Automatic Sound Select is switched on.
To provide more flexibility, the Automatic Sound Select
block prepares four different source channels of
demodulated sound (Fig. 2–2). By choosing one of the
four demodulator channels, the preferred sound mode
can be selected for each of the output channels (loud-
speaker, headphone, etc.). This is done by means of
the Source Select registers.
The following source channels of demodulated sound
are defined:
– “FM/AM” channel: Analog mono sound, stereo if
available. In case of NICAM, analog mono only
(FM or AM mono).
– “Stereo or A/B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains both languages A (left) and B
(right).
– “Stereo or A” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language A (on left and right).
– “Stereo or B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language B (on left and right).
Fig. 2–2 and Table 2–2 show the source channel
assignment of the demodulated signals in case of
Automatic Sound Select mode for all sound standards.
Note: The analog primary input channel contains the
signal of the mono FM/AM carrier or the L+R signal of
the MPX carrier. The secondary input channel con-
tains the signal of the 2nd FM carrier, the L-R signal of
the MPX carrier, or the SAP signal.
Fig. 2–2: Source channel assignment of demodulated
signals in Automatic Sound Select Mode
2.2.5. Manual Mode
Fig. 2–3 shows the source channel assignment of
demodulated signals in case of manual mode. If man-
ual mode is required, more information can be found in
Section 6.7. “Demodulator Source Channels in Manual
Mode” on page 75.
Fig. 2–3: Source channel assignment of demodulated
signals in Manual Mode
FM/AM
Stereo or A/B
Stereo or A
Stereo or B
0
1
3
4
primary
FM/AM
Prescale
NICAM
Prescale
Automatic
Sound
Select
channel
secondary
channel
NICAM A
NICAM B
LS Ch.
Matrix
Output-Ch.
matrices
must be set
once to
stereo.
FM/AM
(Stereo or A/B)
0
1
primary
FM/AM
Prescale
NICAM
Prescale
FM-Matrix
channel
secondary
channel
NICAM A
NICAM B
LS Ch.
Matrix
Output-Ch.
matrices
must be set
according to
the standard.
NICAM


Similar Part No. - MSP3407G

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP3407 MORESEMI-MSP3407 Datasheet
376Kb / 6P
   -30V(D-S) P-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSP3407G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com