Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM41028LA12TSOA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PDM41028LA12TSOA
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028LA12TSOA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PDM41028LA12TSOA Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028LA12TSOA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PDM41028
8
Rev. 2.2 - 4/29/98
Ordering Information
Device Type
Power
Speed
Package
Type
Process
Temp. Range
Preferred
Shipping
Container
Commercial (0
° to +70°C)
Industrial (–40
°C to +85°C)
10
12
15
SA
Standard Power
LA
Low Power
Blank
I
A
Automotive ( –40
°C to +105°C)
Blank Tubes
TR
Tape & Reel
TY
Tray
PDM41028 - (256Kx4) Static RAM
XXXXX
X
XX
X
X
X
TSO 28-pin 300-mil Plastic SOJ
SO
28-pin
400-mil Plastic SOJ
Commercial Only
(Use 15ns for slower designs.)
Faster Memories for a Faster World ™


Similar Part No. - PDM41028LA12TSOA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028LA12TSOA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com