Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58631TK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA58631TK
Description  3 W BTL audio amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631TK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA58631TK Datasheet HTML 7Page - NXP Semiconductors SA58631TK Datasheet HTML 8Page - NXP Semiconductors SA58631TK Datasheet HTML 9Page - NXP Semiconductors SA58631TK Datasheet HTML 10Page - NXP Semiconductors SA58631TK Datasheet HTML 11Page - NXP Semiconductors SA58631TK Datasheet HTML 12Page - NXP Semiconductors SA58631TK Datasheet HTML 13Page - NXP Semiconductors SA58631TK Datasheet HTML 14Page - NXP Semiconductors SA58631TK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SA58631
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 December 2005
11 of 19
Philips Semiconductors
SA58631
3 W BTL audio amplifier
a. RL =4 Ω
b. RL =8 Ω
c. RL =16 Ω
Fig 19. THD + N versus frequency
002aac038
f (kHz)
0.10
10.00
1.00
0.8
1.2
0.4
1.6
2.0
THD + N
(%)
0
002aac039
f (kHz)
0.10
10.00
1.00
0.4
0.8
1.2
THD + N
(%)
0
002aac040
f (kHz)
0.10
10.00
1.00
0.4
0.6
0.2
0.8
1.0
THD + N
(%)
0


Similar Part No. - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Similar Description - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com