Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTU32864CZKER Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74SSTU32864CZKER
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTU32864CZKER Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74SSTU32864CZKER Datasheet HTML 6Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 7Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 8Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 9Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 10Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 11Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 12Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 13Page - Texas Instruments SN74SSTU32864CZKER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74SSTU32864C
25-BIT CONFIGURABLE REGISTERED BUFFER
WITH SSTL_18 INPUTS AND OUTPUTS
SCES542A – JANUARY 2004 – REVISED FEBRUARY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
2.5
V
VI
Input voltage range(2)(3)
–0.5
2.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 or VI > VCC
±50
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±50
mA
IO
Continuous output current
VO = 0 to VCC
±50
mA
Continuous current through each VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
36
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 2.5 V maximum.
(4)
The package thermal impendance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
1.7
1.9
V
VREF
Reference voltage
0.49
× V
CC
0.5
× V
CC
0.51
× V
CC
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs, CSR
VREF + 250 mV
V
VIL
AC low-level input voltage
Data inputs, CSR
VREF – 250 mV
V
VIH
DC high-level input voltage
Data inputs, CSR
VREF + 125 mV
V
VIL
DC low-level input voltage
Data inputs, CSR
VREF – 125 mV
V
VIH
High-level input voltage
RESET, Cn
0.65
× V
CC
V
VIL
Low-level input voltage
RESET, Cn
0.35
× V
CC
V
VICR
Common-mode input voltage range
CLK, CLK
0.675
1.125
V
VI(PP)
Peak-to-peak input voltage
CLK, CLK
600
mV
IOH
High-level output current
–8
mA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C
(1)
The RESET and Cn inputs of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The
differential inputs must not be floating, unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS
Inputs, literature number SCBA004.
10


Similar Part No. - SN74SSTU32864CZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTU32864 TI-SN74SSTU32864 Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864DGKER TI-SN74SSTU32864DGKER Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864DZKER TI-SN74SSTU32864DZKER Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864GKER TI-SN74SSTU32864GKER Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
More results

Similar Description - SN74SSTU32864CZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTU32864 TI-SN74SSTU32864 Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864 TI-SN74SSTU32864_V01 Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com